Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS811 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS811
Description  Reset Circuits with Manual Reset Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS811 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS811 Datasheet HTML 1Page - Silicon Standard Corp. SS811 Datasheet HTML 2Page - Silicon Standard Corp. SS811 Datasheet HTML 3Page - Silicon Standard Corp. SS811 Datasheet HTML 4Page - Silicon Standard Corp. SS811 Datasheet HTML 5Page - Silicon Standard Corp. SS811 Datasheet HTML 6Page - Silicon Standard Corp. SS811 Datasheet HTML 7Page - Silicon Standard Corp. SS811 Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.SiliconStandard.com
2 of 8
SS811, SS812
Rev.1.01 4/06/2004
ORDERING INFORMATION
PIN CONFIGURATION
SS811-XXCXXX
SS812-XXCXXX
(Additional voltage versions with a unit of 0.1V within the voltage range from 1.5V to 5.5V for this
product line may be available on demand with prior consultation with SSC.)
Example: SS811-31CVTR
à 3.1V version in SOT-23-5 package, shipped in tape and reel.
SOT-23-5
TOP VIEW
1: GND
2: NC
3: RESET (RESET)
4: MR
5: VCC
Packing type
TR: T ape and reel
Package type
V: SOT-23-5
Reset Threshold Voltage
23: 2.3V
26: 2.6V
29: 2.9V
31: 3.1V
40: 4.0V
44: 4.4V
46: 4.6V
3
2
1
4
5
SOT-23-5 Marking
Part No.
Marking
Part No.
Marking
SS811-23CV
BQ23
SS812-23CV
BR23
SS811-26CV
BQ26
SS812-26CV
BR26
SS811-29CV
BQ29
SS812-29CV
BR29
SS811-31CV
BQ31
SS812-31CV
BR31
SS811-40CV
BQ40
SS812-40CV
BR40
SS811-44CV
BQ44
SS812-44CV
BR44
SS811-46CV
BQ46
SS812-46CV
BR46



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com