Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS811 Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS811
Description  Reset Circuits with Manual Reset Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS811 Datasheet(HTML) 6 Page - Silicon Standard Corp.

  SS811 Datasheet HTML 1Page - Silicon Standard Corp. SS811 Datasheet HTML 2Page - Silicon Standard Corp. SS811 Datasheet HTML 3Page - Silicon Standard Corp. SS811 Datasheet HTML 4Page - Silicon Standard Corp. SS811 Datasheet HTML 5Page - Silicon Standard Corp. SS811 Datasheet HTML 6Page - Silicon Standard Corp. SS811 Datasheet HTML 7Page - Silicon Standard Corp. SS811 Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.SiliconStandard.com
6 of 8
SS811, SS812
Rev.1.01 4/06/2004
BLOCK DIAGRAM
RPULL_UP
20K
R2
R1
MR
GND
RESET
(RESET)
Reset Generator
-
+
Bandgap
VCC
PIN DESCRIPTIONS
GND Pin
:
Ground.
RESET Pin (SS811)
:
Active low output pin. RESET Output remains low while Vcc is below reset threshold.
RESET Pin (SS812)
:
Active high output pin. RESET output remains high while Vcc is below reset threshold.
MR Pin
:
Logic low manual reset input. This active-low input has an internal 20k
Ω
pull-up resistor. It can be driven by a TTL or CMOS, or shorted to ground with a switch.
Leave open when unused.
Vcc Pin
:
Supply voltage.
DETAILED DESCRIPTIONS OF TECHNICAL TERMS
RESET OUTPUT
The microprocessor will be activated at a valid reset
state. These
µ P supervisory circuits assert reset to
prevent code execution errors during power-up,
power-down, or brownout conditions.
RESET is guaranteed to be a logic low for
VTH>VCC>0.9V. Once VCC exceeds the reset
threshold, an internal timer keeps RESET low for
the reset timeout period; after this interval, RESET
goes high.
If a brownout condition occurs (VCC drops below the
reset threshold), RESET goes low. Any time VCC
goes below the reset threshold, the internal timer
resets to zero, and RESET goes low. The internal
timer is activated after VCC returns above the reset
threshold, and RESET remains low for the reset
timeout period.
The manual reset input (MR ) can also initiate a
reset. The SS812 has an active-high RESET output
that is the inverse of the SS811’s RESET output.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com