Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS811 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS811
Description  Reset Circuits with Manual Reset Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS811 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS811 Datasheet HTML 1Page - Silicon Standard Corp. SS811 Datasheet HTML 2Page - Silicon Standard Corp. SS811 Datasheet HTML 3Page - Silicon Standard Corp. SS811 Datasheet HTML 4Page - Silicon Standard Corp. SS811 Datasheet HTML 5Page - Silicon Standard Corp. SS811 Datasheet HTML 6Page - Silicon Standard Corp. SS811 Datasheet HTML 7Page - Silicon Standard Corp. SS811 Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
www.SiliconStandard.com
1 of 8
SS811, SS812
Rev.1.01 4/06/2004
Reset Circuits with Manual Reset Input
FEATURES
Ultra-low supply current of 1
µA (typ.)
Guaranteed reset valid to Vcc=0.9V
Available in two output yypes:
Push-pull active-low (SS811)
Push-pull active-high (SS812)
Power-on reset pulse width minimum 140ms
Internally fixed threshold 2.3V, 2.6V, 2.9V, 3.1V, 4.0V,
4.4V, and 4.6V
Tight voltage threshold tolerance: 1.5%
Low profile package: SOT-23-5
APPLICATIONS
l
Notebook Computers
l
Digital Still Cameras
l
PDAs
l
Critical Microprocessor Monitoring
DESCRIPTION
The SS811 and SS812 are low-power microprocessor
(µP) supervisory circuits used to monitor power supplies
in µP and digital systems. They improve circuit reliability
and reduce cost by eliminating external components.
The SS811 and SS812 also offer a manual reset input.
These devices perform as valid singles in applications
with Vcc ranging from 6.0V down to 0.9V. The reset
signal lasts for a minimum period of 140ms whenever the
VCC supply voltage falls below a preset threshold. Both
the SS811 and SS812 were designed with a reset
comparator to help identify invalid signals lasting less
than 140ms. The only difference between the SS811 and
the SS812 is that one has an active-low
RESET output
and the other has an active-high RESET output.
A low supply current (1
µA) makes the SS811 and
SS812 ideal for portable equipment. The devices are
available in a SOT-23-5 package.
TYPICAL APPLICATION CIRCUIT
VCC
VCC
GND
GND
µP
RESET
INPUT
RESET
(RESET)
MR
VCC
SS811
(SS812)
Pushbutton
Switch


Similar Part No. - SS811

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8117G SSC-SS8117G Datasheet
326Kb / 6P
1A Adjustable Low-Dropout Regulator
SS8117GT631TB SSC-SS8117GT631TB Datasheet
326Kb / 6P
1A Adjustable Low-Dropout Regulator
SS8117GT631TR SSC-SS8117GT631TR Datasheet
326Kb / 6P
1A Adjustable Low-Dropout Regulator
SS8117GT632TB SSC-SS8117GT632TB Datasheet
326Kb / 6P
1A Adjustable Low-Dropout Regulator
SS8117GT632TR SSC-SS8117GT632TR Datasheet
326Kb / 6P
1A Adjustable Low-Dropout Regulator
More results

Similar Description - SS811

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L Datasheet
145Kb / 8P
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
MAX6711T MAXIM-MAX6711T Datasheet
153Kb / 8P
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 0; 1/00
logo
Analog Intergrations Co...
AIC811 AIC-AIC811 Datasheet
421Kb / 8P
Reset Circuits with Manual Reset Input
logo
EM Microelectronic - MA...
EM6325 EMMICRO-EM6325 Datasheet
230Kb / 8P
Reset Circuit with Manual Reset
logo
Maxim Integrated Produc...
MAX6711L MAXIM-MAX6711L_05 Datasheet
279Kb / 8P
4-Pin SC70 Microprocessor Reset Circuits with Manual Reset Input
Rev 1; 12/05
logo
Texas Instruments
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
Quad Reset Supervisor with Manual Reset Input
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
Quad Reset Supervisor with Manual Reset Input
logo
Analog Microelectronics
AME8570M AME-AME8570M Datasheet
596Kb / 25P
Manual Reset Input Option
logo
Union Semiconductor, In...
UM807 UNIONSEMI-UM807 Datasheet
414Kb / 17P
Reset Circuits with Long Manual Reset Setup Period
logo
Sangdest Microelectroni...
SSR811 SMC-SSR811 Datasheet
277Kb / 10P
Reset Circuits with Manual Reset Input
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com