Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS4002AG Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS4002AG
Description  Smart Li-Ion Battery Gas Gauge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4002AG Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS4002AG Datasheet HTML 1Page - Silicon Standard Corp. SS4002AG Datasheet HTML 2Page - Silicon Standard Corp. SS4002AG Datasheet HTML 3Page - Silicon Standard Corp. SS4002AG Datasheet HTML 4Page - Silicon Standard Corp. SS4002AG Datasheet HTML 5Page - Silicon Standard Corp. SS4002AG Datasheet HTML 6Page - Silicon Standard Corp. SS4002AG Datasheet HTML 7Page - Silicon Standard Corp. SS4002AG Datasheet HTML 8Page - Silicon Standard Corp. SS4002AG Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
www.SiliconStandard.com
2 of 23
SS4002AG
12/16/2005 Rev.3.01
LED2
LED3
LED4
VP
ESCL
ESDA
LED1
DVDD
LED5
SDA
SCL
VREF
CHG
T
V3
I
28-Pin Narrow SOIC
V4
AVDD
IGND
AGND
DGND
DCHG
ADJ4
ADJ3
ADJ2
ADJ1
V2
V1
V2
Voltage from tip of cell 2
V3
Voltage from tip of cell 3
V1
Voltage from tip of cell 1
V4
Voltage from tip of cell 4
ADJ1
Cell1 bypass control
T
Temperature sense resistor input
ADJ2
Cell2 bypass control
I
Current sense resistor input
ADJ3
Cell3 bypass control
IGND
Current sense resistor ground port
ADJ4
Cell 4 bypass control
VREF
Voltage reference output
DCHG
Discharge FET control output
CHG
Charge FET control output
AVDD
Analog VDD
AGND
Analog Ground
DVDD
Digital VDD (4.5V~5.5V)
DGND
Digital ground
VP
EEPROM supply output
LED1
LED segment (MSB)
ESCL
EEPROM clock (output)
LED2
LED segment
ESDA
EEPROM data (input/output)
LED3
LED segment
SDA
SMB data (input/output)
LED4
LED segment
SCL
SMB clock (input/output)
LED5
LED segment (LSB)
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com