Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS4002AG Datasheet(PDF) 13 Page - Silicon Standard Corp.

Part # SS4002AG
Description  Smart Li-Ion Battery Gas Gauge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4002AG Datasheet(HTML) 13 Page - Silicon Standard Corp.

Back Button SS4002AG Datasheet HTML 9Page - Silicon Standard Corp. SS4002AG Datasheet HTML 10Page - Silicon Standard Corp. SS4002AG Datasheet HTML 11Page - Silicon Standard Corp. SS4002AG Datasheet HTML 12Page - Silicon Standard Corp. SS4002AG Datasheet HTML 13Page - Silicon Standard Corp. SS4002AG Datasheet HTML 14Page - Silicon Standard Corp. SS4002AG Datasheet HTML 15Page - Silicon Standard Corp. SS4002AG Datasheet HTML 16Page - Silicon Standard Corp. SS4002AG Datasheet HTML 17Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
www.SiliconStandard.com
13 of 23
SS4002AG
12/16/2005 Rev.3.01
DeviceChemistry() (0x22)
This read-only string returns a character string where
the first byte is the number of characters available. The
maximum number of characters is 5. The 5-byte
character string contains the battery's chemistry. The
SS4002AG supports Li-Ion type battery cells only.
Output: string or ASCII character string
ManufacturerData() (0x23)
This read-only string allows access to an up to 5-byte
manufacturer data string.
Output: block data – data whose meaning is assigned
by the Smart Battery's manufacturer.
PackConfigure/Status (0x2f)
This read-only register returns an unsigned integer
representing the pack configuration and current status
of the battery pack. The MSB represents pack
configuration and the LSB represents the pack status.
See Table 4 and Table 5 for the bit description for
PackConfigure and PackStatus.
VCELL4 (0x3c)
This read-only word returns the measured voltage of the
battery cell 4.
Output: The battery cell4 output voltage in mV.
Units: mV
Range: 0 to 65,535mV
Accuracy: ? 1% of DesignVoltage after calibration
VCELL3 (0x3d)
This read-only word returns the measured voltage of the
battery cell 3.
Output: The battery cell3 output voltage in mV.
Units: mV
Range: 0 to 65,535mV
Accuracy: ? 1% of DesignVoltage after calibration
VCELL2 (0x3e)
This read-only word returns the measured voltage of the
battery cell 2.
Output: The battery cell2 output voltage in mV.
Units: mV
Range: 0 to 65,535mV
Accuracy: ? 1% of DesignVoltage after calibration
VCELL1 (0x3f)
This read-only word returns the measured voltage of the
battery cell 1.
Output: The battery cell1 output voltage in mV.
Units: mV
Range: 0 to 65,535mV
Accuracy: ? 1% of DesignVoltage after calibration
Download EEPROM (0xf0)
This download command is designed for writing data
into EEPROM. Download data from Control PC through
SMBus will be relayed by SS4002AG to send to onboard
EEPROM via I
2C bus. To protect data in EEPROM
against illegal access or unintentional updating, an
access code is required following the command code
“0xf0”. Operation procedure in detail, please refer to
“Operation procedure for calibration and download”.
Reset (0xf5)
This reset command provides the system user a manner
to reset the pack when unexpected condition occurs.
Operation procedure in detail, please refer to “Operation
procedure for calibration and download”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com