Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS4002AG Datasheet(PDF) 21 Page - Silicon Standard Corp.

Part # SS4002AG
Description  Smart Li-Ion Battery Gas Gauge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS4002AG Datasheet(HTML) 21 Page - Silicon Standard Corp.

Back Button SS4002AG Datasheet HTML 15Page - Silicon Standard Corp. SS4002AG Datasheet HTML 16Page - Silicon Standard Corp. SS4002AG Datasheet HTML 17Page - Silicon Standard Corp. SS4002AG Datasheet HTML 18Page - Silicon Standard Corp. SS4002AG Datasheet HTML 19Page - Silicon Standard Corp. SS4002AG Datasheet HTML 20Page - Silicon Standard Corp. SS4002AG Datasheet HTML 21Page - Silicon Standard Corp. SS4002AG Datasheet HTML 22Page - Silicon Standard Corp. SS4002AG Datasheet HTML 23Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
www.SiliconStandard.com
21 of 23
SSM7002
180k
620k
11.2V
8V~19V
SSM7002
160k
470k
9.9V
7.5V~16V
BSS138
160k
390k
9V
7.3V~15V
R9
2M
R17
499K
R18
2M2
R20
806K
R39
1M
R19
665K
R40
300k
R41
1.2M
R21
39
R22
39
R24
39
R23
39
Q15
N
Q12
N
Q13
N
Q14
N
R14
6.8k
R15
20k
Q17
N
R36
20k
C4
.1u
R35
0.02
R27
1.5K
R32
1.5K
R30
1.5K
R28
1.5K R29
1.5K
S1
Disp
Q10
N
C1
1u
+ C2
2u
RB
620K*
RA
180K*
C5
.1
C6
.1
C7
.1
C8
.1
Q2
P
Q3
P
R1
100K
R2
100K
Q8
N
Q9
N
R3
200K
R4
200K
V+
1
2
3
4
SDA
5
SCL
6
GND
7
Vcc
8
U1
24C02
R33
100
R34
100
D2
5V6
D3
5V6
SCL
SDA
C3
.1u
R38
200K
Q7
P
Q6
P
Q5
P
Q4
P
DCHGctl
CHGctl
V1
V2
V3
V4
adj1
adj2
adj3
adj4
CHG
DCHG
V+in
Vout
VCC
Vp
Vp
Vp
V1in
V2in
V3in
V4in
VB-
V+
Q16
2n2222
R11
470
VCC
DCHctl
7
Avdd
8
Dvdd
9
Vref
23
I_gnd
24
Esda
12
Escl
11
LED1
19
LED2
18
LED3
17
LED4
16
LED5
15
SCL
14
SDA
13
GND_D
20
GND_A
21
THon/Von/Vp
10
I_sense
25
V1adj
3
V1
2
V2adj
4
V2
1
V3adj
5
V3
28
V4adj
6
V4
27
T
26
CHctl
22
U2
SS4002AG
R5
200K
R7
200K
R37
200K
RT1
103AT
D6
LED
D7
LED
D8
LED
D9
LED
D10
LED
V4in
V3in
V2in
V1in
VB-
SS4002AG
12/16/2005 Rev.3.01
APPLICATION CIRCUIT
A typical application circuit is provided in Figure 5.
Figure 5. Typical application circuit
FET
RA
RB
Startup voltage
Regulator voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com