Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6086 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS6086
Description  1.5A Low Dropout Positive Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6086 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS6086 Datasheet HTML 1Page - Silicon Standard Corp. SS6086 Datasheet HTML 2Page - Silicon Standard Corp. SS6086 Datasheet HTML 3Page - Silicon Standard Corp. SS6086 Datasheet HTML 4Page - Silicon Standard Corp. SS6086 Datasheet HTML 5Page - Silicon Standard Corp. SS6086 Datasheet HTML 6Page - Silicon Standard Corp. SS6086 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.SiliconStandard.com
2 of 7
SS6086
!"
ORDERING INFORMATION
"/88/9:/8
*(0
"/;<
=>
(=:3.4
=/8
 

8/;<
=>
(=:3.4
=/8

"/;<
=>
(=:3.4
=/8




*((
"/;<
=>
(=:3.4
=/8


"?/89@";
=";A;;
.=:.;
.9=.93-)*((4
"?9/89@";
;= *((
B= *(0
= *((
@= )*((
:":9;
;:= >:).;
&= &
(= (
(&= (&
= 
= 
SS6086
*CCCCC
;%  = SS6086-28CETR
$
(&1 *((", A
 A ", 

!"
ABSOLUTE MAXIMUM RATINS
/8>698 DDDDDDDDE 
  >     DDDDD°F(°
)       
DDDD*0°F°
!    3> 4
*(( DDDDDDDDD°6<

*(( DDDDDDDDD(°6<

)*(( DDDDDDDDD°6<

*(0 DDDDDDDDDDDD°6<
!    > $   *(( DDDDDDDDDDD°6< 
3  $ -+'! ,4 *(0 DDDDDDDD0°6<

)*(( DDDDDDDD°6<

*(( DDDDDDDDD°6<
    3)  4  DDDDDDD(0°
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com