Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6086 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6086
Description  1.5A Low Dropout Positive Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6086 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6086 Datasheet HTML 1Page - Silicon Standard Corp. SS6086 Datasheet HTML 2Page - Silicon Standard Corp. SS6086 Datasheet HTML 3Page - Silicon Standard Corp. SS6086 Datasheet HTML 4Page - Silicon Standard Corp. SS6086 Datasheet HTML 5Page - Silicon Standard Corp. SS6086 Datasheet HTML 6Page - Silicon Standard Corp. SS6086 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.SiliconStandard.com
1 of 7
SS6086



   






!"
FEATURES
#"
  
#"
   
#"
  
#"
 
#"
   !  " 
#"
#$      %  &' ('
(&''
#"
)*""+ ", 
!"
APPLICATIONS
#"
" -)+! )
#"
. ! 
#"
*  
#"
"*
!"
DESCRIPTION
! ))6&0+!   
  +!     $
! 1 #$ +!!  -
 1 -% &'('(&''
  1      $  
%   -  +! !  %   
  / +  1   -
    ,  -+1 
   /   
 !   1   
 1   ! +   
% 1 #   

!"
TYPICAL APPLICATION CIRCUIT

µ












Ω




6

µ








Ω


2*2(34
2%35(645/%(
/2µ34

34   - 1 -+- - 

3(4 ( 7 -$

    
 


µ












µ

6 







     
Rev.2.01 6/06/2003


Similar Part No. - SS6086

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6084 SSC-SS6084 Datasheet
307Kb / 7P
5A Low-dropout Positive Linear Regulator
SS6084-15CETB SSC-SS6084-15CETB Datasheet
307Kb / 7P
5A Low-dropout Positive Linear Regulator
SS6084-15CETR SSC-SS6084-15CETR Datasheet
307Kb / 7P
5A Low-dropout Positive Linear Regulator
SS6084-15CMTB SSC-SS6084-15CMTB Datasheet
307Kb / 7P
5A Low-dropout Positive Linear Regulator
SS6084-15CMTR SSC-SS6084-15CMTR Datasheet
307Kb / 7P
5A Low-dropout Positive Linear Regulator
More results

Similar Description - SS6086

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086 Datasheet
109Kb / 7P
1.5A Low Dropout Positive Adjustable Regulator
logo
Analog Microelectronics
AME1086 AME-AME1086 Datasheet
103Kb / 14P
1.5A Low Dropout Positive Voltage Regulator
logo
International Rectifier
IRU1015 IRF-IRU1015 Datasheet
104Kb / 8P
1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Vishay Siliconix
GS1086 VISHAY-GS1086 Datasheet
81Kb / 6P
1.5A Low Dropout Positive Adjustable Regulator
12-Mar-02
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086 Datasheet
162Kb / 6P
1.5A Low Dropout Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
1.5A Ultra Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086_07 Datasheet
482Kb / 9P
1.5A Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
1.5A Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086_15 Datasheet
238Kb / 11P
1.5A Low Dropout Positive Regulator
logo
First Components Intern...
FC1286 FCI-FC1286 Datasheet
316Kb / 4P
1.5A Ultra Low Dropout Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com