Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6086 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6086
Description  1.5A Low Dropout Positive Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6086 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6086 Datasheet HTML 1Page - Silicon Standard Corp. SS6086 Datasheet HTML 2Page - Silicon Standard Corp. SS6086 Datasheet HTML 3Page - Silicon Standard Corp. SS6086 Datasheet HTML 4Page - Silicon Standard Corp. SS6086 Datasheet HTML 5Page - Silicon Standard Corp. SS6086 Datasheet HTML 6Page - Silicon Standard Corp. SS6086 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.SiliconStandard.com
3 of 7
SS6086


!"
ELECTRICAL CHARACTERISTICS °°°° 

 !""  
"#$%&$%#
!%'  (' !)'  %
 -    

))6&03#4
2(° 
°≤≤(°

(&
((

(
(

(0(
(E

))6&0*&'2

E&
&
&(
))6&0*('2

(GE
(
(
))6&0*(&'2

(&(
(&
(&&
))6&0*'2

(0


 
))6&0*'2E

GH



(E≤≤E'2(



2(°


(
  
°≤>≤(°


(

 
2(°'/2 F
°≤≤(°


(

G

 
∆'∆ 2
/2 
°≤≤(°




  
°≤≤(°

(


# " 3/4
(E≤≤E
 ≤≤
°≤≤(°


(
µ
# " !  
3∆/4
(E≤≤E
 ≤/≤
°≤≤(°

(

µ
   )$
/2
°≤≤(°



B    
°≤≤(°




B)8 3-4
IJ≤-≤?IJ




  # 
(IJ 
2(µ
0
E(

.

Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com