Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6532 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6532
Description  500mA Dual Linear Regulator with VAUX Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6532 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6532 Datasheet HTML 1Page - Silicon Standard Corp. SS6532 Datasheet HTML 2Page - Silicon Standard Corp. SS6532 Datasheet HTML 3Page - Silicon Standard Corp. SS6532 Datasheet HTML 4Page - Silicon Standard Corp. SS6532 Datasheet HTML 5Page - Silicon Standard Corp. SS6532 Datasheet HTML 6Page - Silicon Standard Corp. SS6532 Datasheet HTML 7Page - Silicon Standard Corp. SS6532 Datasheet HTML 8Page - Silicon Standard Corp. SS6532 Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.SiliconStandard.com
3 of 9

ELECTRICAL CHARACTERISTICS (VIN=5V, TA=25°C, unless otherwise specified)
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX. UNITS
-  
 @  @ 
3

<?

- 




 
 1-

&-
  A = 
&-
  A = 

4

4

 
 1

A< =   A 
A< =   A 

4

 
& 
'& 
B   
@  

C
<
<4
<?


& 
'& 

@  

C
<
<4
<?


#$ 





&
A  A 

3

 
(10
(10
A  A 
A  A 





µ 
D-
A   A 
A   A 

3
3


µ 
&
A  A 

3

 
# 
 &-
;
<


'(-$
'(#'$
'(1'$




µs 
'(
A3  A 

?
4
 
SS6532
Rev.2.02 3/21/2004



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com