Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6532 Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS6532
Description  500mA Dual Linear Regulator with VAUX Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6532 Datasheet(HTML) 7 Page - Silicon Standard Corp.

  SS6532 Datasheet HTML 1Page - Silicon Standard Corp. SS6532 Datasheet HTML 2Page - Silicon Standard Corp. SS6532 Datasheet HTML 3Page - Silicon Standard Corp. SS6532 Datasheet HTML 4Page - Silicon Standard Corp. SS6532 Datasheet HTML 5Page - Silicon Standard Corp. SS6532 Datasheet HTML 6Page - Silicon Standard Corp. SS6532 Datasheet HTML 7Page - Silicon Standard Corp. SS6532 Datasheet HTML 8Page - Silicon Standard Corp. SS6532 Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.SiliconStandard.com
7 of 9
APPLICATIONS INFORMATION
     
&&&+-
 :E 1'  & - 
 +  & ' 
0( + &   &&
(-  -    
&&&( -&
 && $     
&1' 3µ,&&
&--

&&:-+&
+&&&-&
&&-+$$
-&   &  3µ, 
&&   - && -- &&
&&&+&-&-
 -&   :&$   3µ, 
&--

   
The SS6532 is housed in a thermally
&-&0D2'.
>/--D$
 0   (+   &"
- -(& - $ $  
-"&&+-(-
% SS6532 $
*-
>%

/
.

/
.




=
×
−
=
×
−
=


  *   
 &  +$  -(&  
&+      - +
5%
C<
>
>
3?

°
=
−
〈


%  -(&  -   -+"--
-&&+--
-    0   
&--&
0 $   & +
D2'   D2'  - +   
++$   --  ( - 
D2'-+3:&
&

The layout of the SS6532 is shown in fig.19. In
,43&;?°5%
 SS6532 -
-+"--!---&-"
&+
Fig.19 The layout for the SS6532.
SS6532
Rev.2.02 3/21/2004



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com