Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6532 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6532
Description  500mA Dual Linear Regulator with VAUX Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6532 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6532 Datasheet HTML 1Page - Silicon Standard Corp. SS6532 Datasheet HTML 2Page - Silicon Standard Corp. SS6532 Datasheet HTML 3Page - Silicon Standard Corp. SS6532 Datasheet HTML 4Page - Silicon Standard Corp. SS6532 Datasheet HTML 5Page - Silicon Standard Corp. SS6532 Datasheet HTML 6Page - Silicon Standard Corp. SS6532 Datasheet HTML 7Page - Silicon Standard Corp. SS6532 Datasheet HTML 8Page - Silicon Standard Corp. SS6532 Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.SiliconStandard.com
1 of 9
SS6532
500mA Dual Linear Regulator with VAUX Driver
FEATURES
Continuous 3.3V output from three inputs
Complete power management solution
VCC, VSBY regulator supplies 500mA output
Built-in hysteresis when selecting input supplies
Drive control signal for external VAUX switch
Output can be forced higher than input (off-state)
APPLICATIONS
Desktop Computers
PCI Adapter Cards with Wake-on-LAN
Network Interface Cards (NICs)
Multi-power Systems
Systems with Standby Capabilities
DESCRIPTION
The SS6532 is a dual-input regulator with VAUX
drive control capable of delivering 3.3V/500mA
continuously. The output power is provided from
three independent input voltage sources on a
prioritized basis. Power is always taken in priority
using the following order: VCC, VSBY, and VAUX.
The SS6532 meets Intel's "Instantly Available"
power requirements which follow the ACPI
"Advanced Configuration and Power Interface"
standards.
When either VCC or VSBY is present, the device
automatically enables the regulator and produces
a stable 3.3V output. When only VAUX (3.3V) is
present, the drive control output will turn on an
external P-MOSFET switch from an auxiliary
3.3V supply VAUX to maintain VOUT.
The IC also prevents excessive current from
flowing back from VOUT to either input or ground
when the output voltage is greater than the input
voltage.
All the control circuitry needed to provide a
a smooth and automatic transition between all
three supplies has been incorporated. This allows
both VCC and VSBY to be dynamically switched
without loss of output voltage.
Rev.2.02 3/21/2004


Similar Part No. - SS6532

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6531 SSC-SS6531 Datasheet
933Kb / 10P
500mA Dual Linear Regulator with Internal Power Switch
SS6531CNTB SSC-SS6531CNTB Datasheet
933Kb / 10P
500mA Dual Linear Regulator with Internal Power Switch
SS6531CNTR SSC-SS6531CNTR Datasheet
933Kb / 10P
500mA Dual Linear Regulator with Internal Power Switch
SS6531CSTB SSC-SS6531CSTB Datasheet
933Kb / 10P
500mA Dual Linear Regulator with Internal Power Switch
SS6531CSTR SSC-SS6531CSTR Datasheet
933Kb / 10P
500mA Dual Linear Regulator with Internal Power Switch
More results

Similar Description - SS6532

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR280 CALMIRCO-CMPWR280 Datasheet
242Kb / 10P
1.5A SMARTOR Dual Regulator with Vaux Drive
logo
List of Unclassifed Man...
FS8855 ETC1-FS8855 Datasheet
624Kb / 13P
500mA LDO Linear Regulator
AIC1531 ETC2-AIC1531 Datasheet
1Mb / 10P
500mA Dual Linear Regulator with Internal Power Switch
logo
Analog Intergrations Co...
AIC1532 AIC-AIC1532 Datasheet
59Kb / 4P
500mA DUAL REGULATOR WITH VAUX DRIVE
logo
Silicon Standard Corp.
SS6531 SSC-SS6531 Datasheet
933Kb / 10P
500mA Dual Linear Regulator with Internal Power Switch
logo
SHANGHAI BELLING CO., L...
BL8569 BELLING-BL8569 Datasheet
190Kb / 7P
Dual 500mA High PSRR Linear Regulator
logo
Linear Technology
LT3029 LINER-LT3029_11 Datasheet
338Kb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
logo
Anpec Electronics Corop...
APL5522 ANPEC-APL5522 Datasheet
193Kb / 12P
Dual-Channel, 3.3V/500mA and 2.5V/500mA Linear Regulator
logo
Monolithic Power System...
MP8904 MPS-MP8904 Datasheet
300Kb / 10P
500mA Linear Regulator
logo
Nuvoton Technology Corp...
NCT3705U NUVOTON-NCT3705U Datasheet
376Kb / 23P
500mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com