Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6563-CSTR Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6563-CSTR
Description  Versatile DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6563-CSTR Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6563-CSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
www.SiliconStandard.com
5 of 10
SS6563
TYPICAL PERFORMANCE CHARACTERISTICS
(Continued)
Temperature (
°C)
Fig. 3 VFB, Threshold Voltage vs. Temperature
1.2
1.22
1.24
1.26
1.28
1.3
0
10
20
30
40
50
60
70
80
VCC = 5V,
CT = 1nF,
PIN 2 = GND
Temperature (
°C)
Fig. 4
IS Threshold Voltage vs. Temperature
250
260
270
280
290
300
0
10
20
30
40
50
60
70
80
VCC = 5V,
CT = 1nF,
PIN 2 = GND
310
320
330
340
350
Fig. 5
Emitter Follower Configuration Output Switch
Saturation Voltage vs. Emitter Current
IE, Emitter Current (A)
1.2
1.3
1.4
1.5
1.6
1.7
1.8
0
0.5
1
1.5
VCC = 5V
PIN 1, 7, 8 = VCC
PIN 3, 5 = GND
Fig. 6
Common Emitter Configuration Output Switch
Saturation Voltage vs. Collector Current
IC, Collector Current (A)
0
0.5
1
1.5
0
0.2
0.4
0.6
0.8
VCC = 5V
PIN 7 = VCC
PIN 2, 3, 5 = GND
Forced Beta = 20
BLOCK DIAGRAM
Q
R
S
BOOST
IS
VCC
FB
GND
CF
DC
DE
8
7
6
5
4
3
2
1
Q1
Oscillator
Is
CT
Comparator
-
+
1.25V
Reference
Voltage
Q2
80
Rev.2.02 4/06/2004



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com