Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6563-CSTR Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6563-CSTR
Description  Versatile DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6563-CSTR Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6563-CSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.SiliconStandard.com
1 of 10
SS6563
Versatile DC/DC Converter
FEATURES
Operates from 3V to 30V input voltage
Internal 2A peak current switch.
Continuous output current of 1.5A
Bootstrapped driver.
High-side current sense capability.
High efficiency (up to 90%).
Internal
±2% reference.
Low quiescent current at 1.6mA.
Operating frequency from 100Hz to 100KHz.
APPLICATIONS
Constant Current Source for Battery Chargers.
Saver for Cellular phones.
Step-Down DC/DC Converter Module.
DESCRIPTION
The SS6563 is a monolithic control circuit that
provides the primary functions required for DC to
DC converters and high-side-sensed constant
current sources. The device consists of an inter-
nal temperature compensated reference, com-
parator, controlled duty-cycle oscillator with an
active current-sense circuit, bootstrapped driver,
and high-current output switch. This device is
specifically designed to construct a constant cur-
rent source for battery chargers with a minimum
number of external components. A bootstrapped
driver can drive the NPN output switch to satura-
tion for higher efficiency and less heat dissipation.
The SS6563 can deliver 1.5A continuous current
without requiring a heat sink.
TYPICAL APPLICATION CIRCUIT
+
C3
1
µF
470
µF
+
C1
100
µF
C2
1000pF
R1
470
RB
3K
R3
2.2M
RS
0.22
RA
1K
R2
390K
D1
1N5819
D3
D2
1N4148
L1
300
µH
SS6563
8
7
6
5
4
3
2
1
BOOST
FB
GND
IS
DC
DE
CF
VCC
+
C4
5V/1A
8V~25V
VIN
When VIN>15V
make R1=1K
1N4148
Line Regulation
VIN = 10V~20V @ IO=1A
40mV
Load Regulation
VIN = 15V, @ IO=100mA~1A
20mV
Short Circuit Current
VIN =15V, @ RL = 0.1
Ω
1.3A
Step-Down Converter
Rev.2.02 4/06/2004


Similar Part No. - SS6563-CSTR

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6568 SSC-SS6568 Datasheet
470Kb / 7P
4-bit DAC, Step-Down PWM Power Controller
SS6568CSTB SSC-SS6568CSTB Datasheet
470Kb / 7P
4-bit DAC, Step-Down PWM Power Controller
SS6568CSTR SSC-SS6568CSTR Datasheet
470Kb / 7P
4-bit DAC, Step-Down PWM Power Controller
SS6569A SSC-SS6569A Datasheet
480Kb / 7P
5-bit DAC, Synchronous PWM Power Controller
SS6569ACSTB SSC-SS6569ACSTB Datasheet
480Kb / 7P
5-bit DAC, Synchronous PWM Power Controller
More results

Similar Description - SS6563-CSTR

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1563 AIC-AIC1563 Datasheet
309Kb / 10P
Versatile DC/DC Converter
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com