Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6563-CSTR Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS6563-CSTR
Description  Versatile DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6563-CSTR Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS6563-CSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 9Page - Silicon Standard Corp. SS6563-CSTR Datasheet HTML 10Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
www.SiliconStandard.com
7 of 10
SS6563
APPLICATION EXAMPLES
PEAK
1
VBT
2
DIS
3
VTS
4
VCC
5
ADJ
6
SEL3
7
TMR
8
MODE
9
SEL2
10
SEL1
11
GND
12
LED1
13
LED2
14
ICON
15
DSW
16
U2
SS6781
R8
300K
R9
91K
R10
100K
+
C9
4.7
µF
C7
0.1
µF
C10
47nF
R15
680
R3
270
R2
20/5W
SW1
PB SW
R12
100K
R16
680
R17
680
R14
200K
C8
0.1
µF
+
C11
100
µF
RX
R11
100K
RY
C6
0.1
µF
R13
470K
Q2
MMBT2222A
R6
50K
LED2
GREEN
LED3
RED
LED1
YELLOW
Q1
MPS2222A
+
C4
220
µF
C5
0.1
µF
+
C12
1
µF
+
C13
10
µF
R5 120/0.5W
R1
1K
BAT1
R7
VIN
11~15V
L1
220
µH
C2
1
µF
C1
470P
RS
0.3/1W
1
2
3
GND
4
FB
5
VCC
DC
DE
CF
6
IS
7
BOOST
8
U1
SS6563
+
C3
220
µF
R4
390K
D3
IN4148
D1
IN4148
D2
IN5819
D4
1N5819
VIN
VOUT
GND
U3
78L05
**3~5 NiMH/NiCd cells.
Note: Charge Current=0.3/RS Ampere
Safety Timer: 80min
Fig. 1 Battery Charger Circuit for Fluctuating Charging Current Applications
BOOST
IS
DC
DE
CF
GND
*RS
VIN
L
220
µH
D2
1N4148
RB
33K
D3
1N5819
1K
CO
C1
D1
1N5821
C3
1
µF
CT
RA
5.6K
220
µF
+
+
SS6563
C5
10
µF
+
R1
*IO=300mV/RS
IO
R2
120
220
µF
VCC
FB
(%)
Io (A )
0
0 .5
1
1 .5
2
7 0
8 0
9 0
1 0 0
VIN= 16 V, VO= 8 V
VIN= 16 V, V O= 12 V
Efficiency vs Output Current
Fig. 2 Battery Charge Circuit
Rev.2.02 4/06/2004



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com