Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X20C04DM Datasheet(PDF) 4 Page - Xicor Inc.

Part # X20C04DM
Description  Nonvolatile Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X20C04DM Datasheet(HTML) 4 Page - Xicor Inc.

  X20C04DM Datasheet HTML 1Page - Xicor Inc. X20C04DM Datasheet HTML 2Page - Xicor Inc. X20C04DM Datasheet HTML 3Page - Xicor Inc. X20C04DM Datasheet HTML 4Page - Xicor Inc. X20C04DM Datasheet HTML 5Page - Xicor Inc. X20C04DM Datasheet HTML 6Page - Xicor Inc. X20C04DM Datasheet HTML 7Page - Xicor Inc. X20C04DM Datasheet HTML 8Page - Xicor Inc. X20C04DM Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
X20C04
4
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias .................. –65
°C to +135°C
Storage Temperature ....................... –65
°C to +150°C
Voltage on any Pin with
Respect to VSS ....................................... –1V to +7V
D.C. Output Current ........................................... 10mA
Lead Temperature (Soldering, 10 seconds) ..... 300
°C
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
lCC1
VCC Current (Active)
100
mA
NE = WE = VIH, CE = OE = VIL
Address Inputs = 0.4V/2.4V levels
@ f = 5MHz. All I/Os = Open
ICC2
VCC Current During Store
10
mA
All Inputs = VIH
All I/Os = Open
ISB1
VCC Standby Current
10
mA
CE = VIH
(TTL Input)
All Other Inputs = VIH, All I/Os = Open
ISB2
VCC Standby Current
250
µA
All Inputs = VCC – 0.3V
(CMOS Input)
All I/Os = Open
ILI
Input Leakage Current
10
µAVIN = VSS to VCC
ILO
Output Leakage Current
10
µAVOUT = VSS to VCC, CE = VIH
VIL(1)
Input LOW Voltage
–1
0.8
V
VIH(1)
Input HIGH Voltage
2
VCC + 0.5
V
VOL
Output LOW Voltage
0.4
V
IOL = 2.1mA
VOH
Output HIGH Voltage
2.4
V
IOH = –400µA
3825 PGM T04.3
POWER-UP TIMING
Symbol
Parameter
Max.
Units
tPUR(2)
Power-Up to RAM Operation
100
µs
tPUW(2)
Power-Up to Nonvolatile Operation
5
ms
3825 PGM T05
Notes: (1) VIL min. and VIH max. are for reference only and are not tested.
(2) This parameter is periodically sampled and not 100% tested.
CAPACITANCE TA = +25°C, F = 1MHz, VCC = 5V.
Symbol
Test
Max.
Units
Conditions
CI/O(2)
Input/Output Capacitance
10
pF
VI/O = 0V
CIN(2)
Input Capacitance
6
pF
VIN = 0V
3825 PGM T06.1
RECOMMENDED OPERATING CONDITIONS
Temperature
Min.
Max.
Commercial
0
°C
+70
°C
Industrial
–40
°C
+85
°C
Military
–55
°C
+125
°C
3825 PGM T02.1
Supply Voltage
Limits
X20C04
5V
±10%
3825 PGM T03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com