Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X20C04DM Datasheet(PDF) 5 Page - Xicor Inc.

Part # X20C04DM
Description  Nonvolatile Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X20C04DM Datasheet(HTML) 5 Page - Xicor Inc.

  X20C04DM Datasheet HTML 1Page - Xicor Inc. X20C04DM Datasheet HTML 2Page - Xicor Inc. X20C04DM Datasheet HTML 3Page - Xicor Inc. X20C04DM Datasheet HTML 4Page - Xicor Inc. X20C04DM Datasheet HTML 5Page - Xicor Inc. X20C04DM Datasheet HTML 6Page - Xicor Inc. X20C04DM Datasheet HTML 7Page - Xicor Inc. X20C04DM Datasheet HTML 8Page - Xicor Inc. X20C04DM Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
X20C04
5
5V
1.92K
Ω
1.37K
Ω
OUTPUT
100pF
ENDURANCE AND DATA RETENTION
Parameter
Min.
Units
Endurance
100,000
Data Changes Per Bit
Store Cycles
1,000,000
Store Cycles
Data Retention
100
Years
3825 PGM T07.1
EQUIVALENT A.C. LOAD CIRCUIT
A.C. CONDITIONS OF TEST
Input Pulse Levels
0V to 3V
Input Rise and
Fall Times
10ns
Input and Output
Timing Levels
1.5V
3825 PGM T08.2
3825 FHD F04.1
MODE SELECTION
CE
WE
NE
OE
Mode
I/O
Power
H
X
X
X
Not Selected
Output High Z
Standby
L
H
H
L
Read RAM
Output Data
Active
L
L
H
H
Write “1” RAM
Input Data High
Active
L
L
H
H
Write “0” RAM
Input Data Low
Active
L
H
L
L
Array Recall
Output High Z
Active
L
L
L
H
Nonvolatile Storing
Output High Z
Active
L
H
H
H
Output Disabled
Output High Z
Active
L
L
L
L
Not Allowed
Output High Z
Active
L
H
L
H
No Operation
Output High Z
Active
3825 PGM T09.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com