Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X20C04DM Datasheet(PDF) 7 Page - Xicor Inc.

Part # X20C04DM
Description  Nonvolatile Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X20C04DM Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X20C04DM Datasheet HTML 3Page - Xicor Inc. X20C04DM Datasheet HTML 4Page - Xicor Inc. X20C04DM Datasheet HTML 5Page - Xicor Inc. X20C04DM Datasheet HTML 6Page - Xicor Inc. X20C04DM Datasheet HTML 7Page - Xicor Inc. X20C04DM Datasheet HTML 8Page - Xicor Inc. X20C04DM Datasheet HTML 9Page - Xicor Inc. X20C04DM Datasheet HTML 10Page - Xicor Inc. X20C04DM Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
X20C04
7
WE Controlled Write Cycle
Write Cycle Limits
X20C04-15
X20C04-20
X20C04-25
X20C04
Symbol
Parameter
Min. Max. Min.
Max. Min. Max.
Min. Max. Units
tWC
Write Cycle Time
150
200
250
300
ns
tCW
Chip Enable to End of Write Input
150
200
250
300
ns
tAS
Address Setup Time
0
0
0
0
ns
tWP
Write Pulse Width
100
120
150
200
ns
tWR
Write Recovery Time
0
0
0
0
ns
tDW
Data Setup to End of Write
100
120
150
200
ns
tDH
Data Hold Time
0
0
0
0
ns
tWZ(4)
Write Enable to Output in High Z
80
100
100
100
ns
tOW(4)
Output Active from End of Write
5
5
5
5
ns
tOZ(4)
Output Enable to Output in High Z
80
100
100
100
ns
3825 PGM T11
tWC
tCW
tAS
tOZ
tWP
tDW
tDH
tOW
tWR
DATA VALID
ADDRESS
OE
CE
WE
DATA OUT
DATA IN
3825 FHD F06
Note:
(4) tWZ, tOW, and tOZ are periodically sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com