Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6580 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6580
Description  Step-Down DC/DC Controller with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6580 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6580 Datasheet HTML 1Page - Silicon Standard Corp. SS6580 Datasheet HTML 2Page - Silicon Standard Corp. SS6580 Datasheet HTML 3Page - Silicon Standard Corp. SS6580 Datasheet HTML 4Page - Silicon Standard Corp. SS6580 Datasheet HTML 5Page - Silicon Standard Corp. SS6580 Datasheet HTML 6Page - Silicon Standard Corp. SS6580 Datasheet HTML 7Page - Silicon Standard Corp. SS6580 Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.SiliconStandard.com
3 of 8
SS6580/L
Table 1. Output Voltage Program
VID3
VID2
VID1
VID0
VOUT
1
1
1
1
2.00V
1
1
1
0
2.10V
1
1
0
1
2.20V
1
1
0
0
2.30V
1
0
1
1
2.40V
1
0
1
0
2.50V
1
0
0
1
2.60V
1
0
0
0
2.70V
0
1
1
1
2.80V
0
1
1
0
2.90V
0
1
0
1
3.00V
0
1
0
0
3.10V
0
0
1
1
3.20V
0
0
1
0
3.30V
0
0
0
1
3.40V
0
0
0
0
3.50V
n ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC ....…...………............................…………......................................... 15V
Input, Output, or I/O Voltage ...............………………....……......... GND -0.3V to VCC+0.3V
ESD Classification .............................………….....……..............……......................... Class 2
Recommended Operating Conditions
Supply Voltage, VCC....…......................………….......……….................................. 12V
±10%
Ambient Temperature Range .…................................………….……….................. 0
°C~70°C
Junction Temperature Range ....…............……….........…..……......................... 0
°C~ 100°C
Thermal Information
Thermal Resistance,
θ
JA (Typical, Note 1)
SOIC Package ...............................………………………..……………........…. 100
°C/W
SOIC Package (with 3 in
2 of Copper) ……………………………………......….. 90
°C/W
Maximum Junction Temperature (Plastic Package) ……….……..………................... 150
°C
Maximum Storage Temperature Range …………..…………......…….…......... –65
°C~150°C
Maximum Lead Temperature (Soldering 10 Sec) …………………...……......…......... 300
°C
Note 1:
θ
JA is measured with the component mounted on an evaluation PC board in free air.
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com