Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6580 Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6580
Description  Step-Down DC/DC Controller with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6580 Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6580 Datasheet HTML 1Page - Silicon Standard Corp. SS6580 Datasheet HTML 2Page - Silicon Standard Corp. SS6580 Datasheet HTML 3Page - Silicon Standard Corp. SS6580 Datasheet HTML 4Page - Silicon Standard Corp. SS6580 Datasheet HTML 5Page - Silicon Standard Corp. SS6580 Datasheet HTML 6Page - Silicon Standard Corp. SS6580 Datasheet HTML 7Page - Silicon Standard Corp. SS6580 Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.SiliconStandard.com
5 of 8
SS6580/L
n TYPICAL PERFORMANCE CHARACTERISTICS
1
2
3
4
5
6
7
8
9
10
11
30
40
50
60
70
80
90
100
Vo=1.3V
Vo=2.0V
Vo=3.5V
IOUT (A)
Fig. 1
Efficiency vs. Load Current
Temperature (
°C)
Fig. 2
OCSET Current vs. Temperature
-40
-20
0
20
40
60
80
100
120
140
160
192
194
196
198
200
Tc=134ppm/ C@ 0~100
°C
Fig. 3
Over-Current Operation
Fig. 4
Output Clamped by Built-In Soft Start
Fig. 5
Transient Response
VOUT NOISE
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com