Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6580 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6580
Description  Step-Down DC/DC Controller with Shutdown
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6580 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6580 Datasheet HTML 1Page - Silicon Standard Corp. SS6580 Datasheet HTML 2Page - Silicon Standard Corp. SS6580 Datasheet HTML 3Page - Silicon Standard Corp. SS6580 Datasheet HTML 4Page - Silicon Standard Corp. SS6580 Datasheet HTML 5Page - Silicon Standard Corp. SS6580 Datasheet HTML 6Page - Silicon Standard Corp. SS6580 Datasheet HTML 7Page - Silicon Standard Corp. SS6580 Datasheet HTML 8Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.SiliconStandard.com
4 of 8
SS6580/L
n TEST CIRCUIT
Refer to TYPICAL APPLICATION CIRCUIT.
n ELECTRICAL CHARACTERISTICS (VCC=12V, T
A=25°C,
unless
otherwise
specified.)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
VCC Supply Current
Nominal Supply
UGATE Open
IVCC
2
mA
Power-On Reset
VCC Threshold
VOCSET=4.5V
9.5
V
Oscillator
Frequency
200
KHz
Duty Cycle
88
%
Internal Reference Voltage
Reference Voltage
SS6580
SS6580L
1.96
1.27
2.00
1.30
2.04
1.33
V
Error Amplifier
DC Gain
76
dB
Gain-Bandwidth Product
GBW
11
MHz
Slew Rate
Comp=10pF
SR
6
V/
µS
Gate Driver
Upper Gate Source
RUGATE
7
Ω
Upper Gate Sink
RUGATE
5
Ω
Protection
OCSET Current Source
VOCSET =4.5VDC
IOCSET
200
µA
SS Current
ISS
10
µA
Shutdown
Shutdown Low Input
VINL
0.35
V
Shutdown High Input
VINH
2
V
Shutdown Mode Current
1
µA
Rev.2.01 6/26/2003



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com