Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6621 Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS6621
Description  High Efficiency Synchronous Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6621 Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS6621 Datasheet HTML 3Page - Silicon Standard Corp. SS6621 Datasheet HTML 4Page - Silicon Standard Corp. SS6621 Datasheet HTML 5Page - Silicon Standard Corp. SS6621 Datasheet HTML 6Page - Silicon Standard Corp. SS6621 Datasheet HTML 7Page - Silicon Standard Corp. SS6621 Datasheet HTML 8Page - Silicon Standard Corp. SS6621 Datasheet HTML 9Page - Silicon Standard Corp. SS6621 Datasheet HTML 10Page - Silicon Standard Corp. SS6621 Datasheet HTML 11Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.SiliconStandard.com
7 of 12
SS6620/21/2
n BLOCK DIAGRAM
+
+
+
+
+
OUT
VIN
CLSEL
SHDN
LBO
LBI
REF
FB
Mirror
Q
R
S
F/F
Minimum Off-Time
One Shot
Ref erence Voltage
GND
LX
BATT
L
1
R1
200
Ω
Q3
Q2
Q1
Damping
Switch
Maximum On-Time
OUT
One Shot
C3
220
µF
C1
100
µF
47
µF
0.1
µF
C4
0.1
µF
n PIN DESCRIPTIONS
SS6620/ SS6621
PIN 1: FB-
Connect to OUT for +3.3V output.
Use a resistor network to set the out-
put voltage from +1.8V to +4.0V.
PIN 2: LBI-
Low-battery comparator input. Inter-
nally set to trip at +1.23V.
PIN 3: LBO- Open-drain low battery comparator
output. Output is low when VLBI is
<1.23V. LBO is high impedance dur-
ing shutdown.
PIN 4: REF-
1.23V reference voltage. Bypass with
a 0.1
µF capacitor.
PIN 5: SHDN- Shutdown
input.
High=operating,
low=shutdown.
PIN 6: GND-
Ground
PIN 7: LX-
N-channel
and
P-channel
power
MOSFET drain.
PIN 8: OUT-
Power output. OUT provides boot-
strap power to the IC.
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com