Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6621 Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS6621
Description  High Efficiency Synchronous Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6621 Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS6621 Datasheet HTML 4Page - Silicon Standard Corp. SS6621 Datasheet HTML 5Page - Silicon Standard Corp. SS6621 Datasheet HTML 6Page - Silicon Standard Corp. SS6621 Datasheet HTML 7Page - Silicon Standard Corp. SS6621 Datasheet HTML 8Page - Silicon Standard Corp. SS6621 Datasheet HTML 9Page - Silicon Standard Corp. SS6621 Datasheet HTML 10Page - Silicon Standard Corp. SS6621 Datasheet HTML 11Page - Silicon Standard Corp. SS6621 Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.SiliconStandard.com
8 of 12
SS6620/21/2
SS6622
PIN 1: FB-
Connect to OUT for +3.3V output.
Use a resistor network to set the out-
put voltage from +1.8V to +4.0V.
PIN 2: LBI-
Low-Battery comparator input. Inter-
nally set to trip at +1.23V.
PIN 3: LBO- Open-drain low battery comparator
output. Output is low when VLBI is
<1.23V. LBO is high impedance dur-
ing shutdown.
PIN 4:
CLSEL-
Current-limit selects
input. CLSEL= OUT sets the current
limit to 0.8A. CLSEL=GND sets the
current limit to 0.45A.
PIN 5: REF-
1.23V reference voltage. Bypass
with a 0.1
µF capacitor.
PIN 6: SHDN- Shutdown input. High=operating,
low=shutdown.
PIN 7: BATT- Battery input and damping switch
connection. If damping switch is
unused, leave BATT unconnected.
PIN 8: GND-
Ground.
PIN 9: LX-
N-channel and P-channel power
MOSFET drain.
PIN 10: OUT-
Power output. OUT provides boot-
strap power to the IC.
n APPLICATION INFORMATION
Overview
The SS6620/21/22 series are high efficiency,
step-up DC/DC converters, designed to feature a
built-in synchronous rectifier, which reduces size and
cost by eliminating the need for an external Schottky
diode. The start-up voltage is as low as 0.8V and they
can operate with an input voltage down to 0.7V. Qui-
escent supply current is only 20
µA. In addition, the
SS6622 feature a circuit that eliminates inductor-
ringing to reduce noise. The internal P-MOSFET on-
resistance is typically 0.3
Ω to improve overall effi-
ciency by minimizing AC losses. The current limit of
the SS6620 and SS6621 is 0.8A and 0.45A
respectively. The SS6622 offers a selectable current
-
limit (0.45A or 0.8A). The lower current limit allows
the use of a physically smaller inductor in space-
sensitive applications.
PFM Control Scheme
The key feature of the SS6620 series is a unique
minimum-off-time, current-limited, pulse-frequency-
modulation (PFM) control scheme (see BLOCK
DIAGRAM) with ultra-low quiescent current. A con-
stant-peak-current limit in the switching allows the in-
ductor current to vary between this peak limit and
some lesser value. The peak current of the internal N-
MOSFET power switch can be fixed at 0.8A, 0.45A or
is selectable. The ripple voltage does not exceed the
product of the peak current limit and the filter capaci-
tor equivalent-series-resistance (ESR). The switch
frequency depends on the loading condition and input
voltage, and can range up to 500KHz. The switching
frequency is governed by a pair of one-shots that set
a minimum off-time (1
µs) and a maximum on-time
(4
µs).
Rev.2.01 6/06/2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com