Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6621 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6621
Description  High Efficiency Synchronous Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6621 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6621 Datasheet HTML 1Page - Silicon Standard Corp. SS6621 Datasheet HTML 2Page - Silicon Standard Corp. SS6621 Datasheet HTML 3Page - Silicon Standard Corp. SS6621 Datasheet HTML 4Page - Silicon Standard Corp. SS6621 Datasheet HTML 5Page - Silicon Standard Corp. SS6621 Datasheet HTML 6Page - Silicon Standard Corp. SS6621 Datasheet HTML 7Page - Silicon Standard Corp. SS6621 Datasheet HTML 8Page - Silicon Standard Corp. SS6621 Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.SiliconStandard.com
1 of 12
SS6620/21/2
High Efficiency Synchronous Step-Up DC/DC Converter
n FEATURES
l
High efficiency of 93% (VIN=2.4V, VOUT=3.3V,
IOUT=200mA).
l
Quiescent supply current of 20
µA.
l
Power-saving shutdown mode (0.1
µA typical).
l
Internal synchronous rectifier (no external diode )
l
Selectable current limit for reduced ripple
(SS6622).
l
Low noise, anti-ringing feature (SS6622)
l
On-chip low-battery detector.
l
Low-battery hysteresis
n APPLICATIONS
l
Palmtop & notebook computers.
l
PDAs
l
Wireless phones
l
Pocket organizers.
l
Cameras.
l
1 to 2-cell hand-held devices
n DESCRIPTION
The SS6620/21/22 are high-efficiency step-
up DC/DC converters, with start-up voltage as
low as 0.8V and operating with an input voltage
down to 0.7V. Consuming only 20
µA of quies-
cent current, these devices offer a built-in syn-
chronous rectifier that reduces size and cost by
eliminating the need for an external Schottky
diode, improving overall efficiency by minimiz-
ing losses.
The switching frequency depends on the load
and the input voltage and can range up to
500KHz. The peak current of the internal switch
is
fixed
at
0.8A
(SS6620),
at
0.45A
(SS6621), or is selectable (SS6622) for
design flexibility. Ripple does not exceed the
product of the switch current limit and the filter
capacitor equivalent-series-resistance (ESR).
The SS6622 also features a circuit that
eliminates noise caused by inductor ringing.
n TYPICAL APPLICATION CIRCUIT
Output 3.3V, or
Adj. (1.8V to 4.0V)
up to 300mA
Low-Battery
Detect Out
FB
GND
+
ON
OFF
+
Low-Battery
Detect In
0.1
µF
VIN
22
µH
220
µF
100
µF
SS6620
SS6621
SS6622
OUT
REF
LBO
SHDN
LX
LBI
LBO
FB
Rev.2.01 6/06/2003


Similar Part No. - SS6621

ManufacturerPart #DatasheetDescription
logo
Sensitron
SS6620 SENSITRON-SS6620 Datasheet
57Kb / 3P
Ultrafast Recovery Rectifier
SS6626 SENSITRON-SS6626 Datasheet
43Kb / 3P
Ultrafast Recovery Rectifier
logo
Silicon Standard Corp.
SS6628 SSC-SS6628 Datasheet
554Kb / 7P
High-Efficiency Step-Up DC/DC Controller
SS6628CNTB SSC-SS6628CNTB Datasheet
554Kb / 7P
High-Efficiency Step-Up DC/DC Controller
SS6628CNTR SSC-SS6628CNTR Datasheet
554Kb / 7P
High-Efficiency Step-Up DC/DC Controller
More results

Similar Description - SS6621

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1620 AIC-AIC1620 Datasheet
456Kb / 12P
High Efficiency Synchronous Step-Up DC/DC Converter
AIC1610 AIC-AIC1610 Datasheet
651Kb / 16P
HIGH EFFICIENCY SYNCHRONOUS STEP-UP DC/DC CONVERTER
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
February 3, 2010
logo
Silicon Standard Corp.
SS6610G SSC-SS6610G Datasheet
1Mb / 16P
High-efficiency Synchronous Step-up DC/DC Converter
logo
Holtek Semiconductor In...
HT77S10 HOLTEK-HT77S10_10 Datasheet
537Kb / 16P
High Efficiency Synchronous Step-Up DC/DC Converter
logo
Active-Semi, Inc
ACT6305 ACTIVE-SEMI-ACT6305_11 Datasheet
432Kb / 9P
Low Input High Efficiency Synchronous Step-Up DC/DC Converter
Rev 2, 22-Feb-11
logo
ELM Electronics
ELM620BA ELM-ELM620BA Datasheet
892Kb / 10P
high efficiency synchronous PWM step up DC/DC converter
logo
SHENZHEN FUMAN ELECTRON...
FM2306 FUMAN-FM2306 Datasheet
619Kb / 7P
High efficiency PFM synchronous step-up DC/DC converter
logo
Shenzhen Huazhimei Semi...
HM6313 HMSEMI-HM6313 Datasheet
1Mb / 11P
High Efficiency Low Voltage Synchronous Step-up DC/DC Converter
logo
AiT Semiconductor Inc.
A7544 AITSEMI-A7544 Datasheet
783Kb / 14P
DC-DC CONVERTER BOOST (STEP-UP) HIGH EFFICIENCY 5A SYNCHRONOUS
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com