Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X25057PI Datasheet(PDF) 1 Page - Xicor Inc.

Part # X25057PI
Description  5MHz Low Power SPI Serial E 2 PROM with IDLock??Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X25057PI Datasheet(HTML) 1 Page - Xicor Inc.

  X25057PI Datasheet HTML 1Page - Xicor Inc. X25057PI Datasheet HTML 2Page - Xicor Inc. X25057PI Datasheet HTML 3Page - Xicor Inc. X25057PI Datasheet HTML 4Page - Xicor Inc. X25057PI Datasheet HTML 5Page - Xicor Inc. X25057PI Datasheet HTML 6Page - Xicor Inc. X25057PI Datasheet HTML 7Page - Xicor Inc. X25057PI Datasheet HTML 8Page - Xicor Inc. X25057PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©Xicor, Inc. 1994 – 1997 Patents Pending
7033-1.1 5/8/97 T1/C0/D0 SH
1
Characteristics subject to change without notice
4K
X25057
512 x 8 Bit
5MHz Low Power SPI Serial E2PROM with IDLock™ Memory
FEATURES
• 5MHz Clock Rate
• IDLock™ Memory
—IDLock First or Last Page, Any 1/4 or Lower 1/2
of E2PROM Array
• Low Power CMOS
—<1
µA Standby Current
—<3mA Active Current during Write
—<400
µA Active Current during Read
• 1.8V to 3.6V, 2.7V-5.5V or 4.5V to 5.5V Operation
• Built-in Inadvertent Write Protection
—Power-Up/Power-Down Protection Circuitry
—Write Enable Latch
—Write Protect Pin
• SPI Modes (0,0 & 1,1)
• 512 x 8 Bits
—16 Byte Page Mode
• Self-Timed Write Cycle
—5ms Write Cycle Time (Typical)
• High Reliability
—Endurance: 100,000 Cycles/Byte
—Data Retention: 100 Years
—ESD: 2000V on all pins
• 8-Lead MSOP Package
• 8-Lead TSSOP Package
• 8-Lead SOIC Package
• 8-Lead PDIP Package
DESCRIPTION
The X25057 is a CMOS 4K-bit serial E2PROM, internally
organized as 512 x 8. The X25057 features a Serial
Peripheral Interface (SPI) and software protocol
allowing operation on a simple four-wire bus. The bus
signals are a clock input (SCK) plus separate data in (SI)
and data out (SO) lines. Access to the device is
controlled through a chip select (CS) input, allowing any
number of devices to share the same bus.
IDLock is a programmable locking mechanism which
allows the user to lock system ID and parametric data in
different portions of the E2PROM memory space,
ranging from as little as one page to as much as 1/2 of
the total array. The X25057 also features a WP pin that
can be used for hardwire protection of the part, disabling
all write attempts, as well as a Write Enable Latch that
must be set before a write operation can be initiated.
The X25057 utilizes Xicor’s proprietary Direct WriteTM
cell, providing a minimum endurance of 100,000 cycles
per byte and a minimum data retention of 100 years.
FUNCTIONAL DIAGRAM
COMMAND
DECODE
AND
CONTROL
LOGIC
WRITE CONTROL LOGIC
DATA REGISTER
Y DECODE LOGIC
X
DECODE
LOGIC
HIGH VOLTAGE
CONTROL
4K E
2PROM
ARRAY
(512 x 8)
SO
SI
SCK
CS
WP
8
16
32
7033 FRM F01


Similar Part No. - X25057PI

ManufacturerPart #DatasheetDescription
logo
IC MICROSYSTEMS
X25057PI-1.8 ICMIC-X25057PI-1.8 Datasheet
336Kb / 16P
5MHz Low Power SPI Serial E2PROM with IDLock??Memory
X25057PI-2.7 ICMIC-X25057PI-2.7 Datasheet
336Kb / 16P
5MHz Low Power SPI Serial E2PROM with IDLock??Memory
X25057PIG-1.8 ICMIC-X25057PIG-1.8 Datasheet
336Kb / 16P
5MHz Low Power SPI Serial E2PROM with IDLock??Memory
X25057PIG-2.7 ICMIC-X25057PIG-2.7 Datasheet
336Kb / 16P
5MHz Low Power SPI Serial E2PROM with IDLock??Memory
More results

Similar Description - X25057PI

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X25097 XICOR-X25097 Datasheet
71Kb / 15P
5MHz Low Power SPI Serial E 2 PROM with IDLock TM Memory
X25128 XICOR-X25128 Datasheet
77Kb / 15P
SPI Serial E 2 PROM with Block Lock TM Protection
X25330 XICOR-X25330 Datasheet
74Kb / 14P
5MHz SPI Serial E 2 PROM with Block Lock TM Protection
X25642 XICOR-X25642 Datasheet
76Kb / 16P
Advanced SPI Serial E 2 PROM with Block Lock TM Protection
X25650 XICOR-X25650 Datasheet
77Kb / 14P
5MHz SPI Serial E 2 PROM with Block Lock TM Protection
logo
IC MICROSYSTEMS
X25170 ICMIC-X25170 Datasheet
131Kb / 15P
SPI Serial E 2 PROM with Block Lock ??Protection
X25057 ICMIC-X25057 Datasheet
336Kb / 16P
5MHz Low Power SPI Serial E2PROM with IDLock??Memory
X25097 ICMIC-X25097 Datasheet
123Kb / 15P
5MHz Low Power SPI Serial E2PROM with IDLockTM Memory
X25330 ICMIC-X25330 Datasheet
131Kb / 14P
5MHz SPI Serial E2 PROM with Block Lock Protection
X25256 ICMIC-X25256 Datasheet
488Kb / 17P
5MHz SPI Serial E 2 PROM with Block Lock ??Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com