Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MI201209-R56 Datasheet(PDF) 2 Page - Productwell Precision Elect.CO.,LTD

Part # MI201209-R56
Description  MULTILAYER CHIP INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

MI201209-R56 Datasheet(HTML) 2 Page - Productwell Precision Elect.CO.,LTD

  MI201209-R56 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD MI201209-R56 Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD MI201209-R56 Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD MI201209-R56 Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD MI201209-R56 Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD MI201209-R56 Datasheet HTML 6Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
l MATERIAL CHARACTERISTIC
ITEM
UNIT
STANDARD VALUE
Material Code
-
B
U
Z
G
Initial Permeability (
μiac)
-
45
200
500
110
Maximum Permeability(mm)
-
125
450
900
250
Saturation Flux Density at 10 0e
Gauss
2000
1400
1500
1700
Curie Temperature
℃
>200
>130
>100
>130
Volume Resistivity
Ω-m
10
5
10
5
10
5
10
5
Temperature Coefficient
10
-6/℃
10
13
5
12
Density
g/cm
3
4.8
4.8
4.8
4.8
l ELECTRICAL SPECIFICATION
INDUCTANCE
Q
TEST
FREQ
S.R.F
FREQ
DC
RESISTANCE
RATED
CURRENT
PART NO.
(
μH )
MIN
(MHz)
(MHz)MIN.
(
Ω)MAX
(mA)MAX
MI160808-47N
□Ο
0.047
±20%
10
50
260
0.30
50
MI160808-68N
□Ο
0.068
±20%
10
50
250
0.30
50
MI160808-82N
□Ο
0.08220%
10
50
245
0.30
50
MI160808-R10
□Ο
0.10
±20%
15
25
240
0.50
50
MI160808-R12
□Ο
0.12
±20%
15
25
205
0.50
50
MI160808-R15
□Ο
0.15
±20%
15
25
180
0.60
50
MI160808-R18
□Ο
0.18
±20%
15
25
165
0.60
50
MI160808-R22
□Ο
0.22
±20%
15
25
150
0.80
50
MI160808-R27
□Ο
0.27
±20%
15
25
136
0.80
50
MI160808-R33
□Ο
0.33
±20%
15
25
125
0.85
35
MI160808-R39
□Ο
0.39
±20%
15
25
110
1.00
35
MI160808-R47
□Ο
0.47
±20%
15
25
105
1.35
35
MI SERIES
MULTILAYER CHIP INDUCTORS
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
l PATR NUMBERING SYSTEM(品名規定)
MI
1 6 0 8 0 8
-
47N
□
Ο
1
2
3
4
5
multilayer
Dimensions
Inductance
Tolerance
Packaging style
chip Inductors
A.B.C
多層貼片電感
尺寸
電感值
公差
包裝類型
B=Bulk,
T=Tape&Reel
7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com