Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MI201209-R56 Datasheet(PDF) 1 Page - Productwell Precision Elect.CO.,LTD

Part # MI201209-R56
Description  MULTILAYER CHIP INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

MI201209-R56 Datasheet(HTML) 1 Page - Productwell Precision Elect.CO.,LTD

  MI201209-R56 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD MI201209-R56 Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD MI201209-R56 Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD MI201209-R56 Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD MI201209-R56 Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD MI201209-R56 Datasheet HTML 6Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
l TYPE AND DIMENSION
TYPE
A
B
C
D
MI160808
(0603)
1.6
±0.2
(0.063
±0.008)
0.8
±0.2
(0.31
±0.008)
0.8
±0.2
(0.31
±0.008)
0.5
±0.3
(0.020
±0.012)
MI160812
(0603)
1.6
±0.2
(0.063
±0.008)
0.8
±0.2
(0.31
±0.008)
1.2
±0.2
(0.047
±0.008)
0.5
±0.3
(0.020
±0.012)
MI201209
(0850)
2.0
±0.2
(0.079
±0.008)
1.2
±0.2
(0.047
±0.008)
0.9
±0.2
(0.035
±0.008)
0.5
±0.3
(0.020
±0.012)
MI201212
(0850)
2.0
±0.2
(0.079
±0.008)
1.2
±0.2
(0.047
±0.008)
1.2
±0.2
(0.047
±0.008)
0.5
±0.3
(0.020
±0.012)
MI321611
(1206)
3.2
±0.2
(0.126
±0.008)
1.6
±0.2
(0.063
±0.008)
1.1
±0.2
(0.047
±0.008)
0.5
±0.3
(0.020
±0.012)
MI321616
(1206)
3.2
±0.2
(0.126
±0.008)
1.6
±0.2
(0.063
±0.008)
1.6
±0.2
(0.063
±0.008)
0.5
±0.3
(0.020
±0.012)
MI SERIES
MULTILAYER CHIP INDUCTORS
MECHANICALS
l FEATURE
1. Operating temperature -40℃to 80℃
2. Excellent solderability and resistance to
soldering heat.
3. suitable for flow and reflow soldering
4. Good dimensions, high reliability ,and
easy surface mount assembly
5. Wide range of inductance value for
flexible needs
l APPLICATIONS
1.
mobile phones
2.
potable phones
3.
cordless phones
4.
pages and personal hardy
systems(phs)
l 特性
1. 操作溫度范圍:-40℃到 80℃
2. 良好的焊錫性和耐熱性
3. 適用於 flow 及 reflow 之焊錫
4. 標准的尺寸,高可靠度及易於表
面貼裝配置
5. 各種范圍的容量可供選擇
l 用途
1. 行動電話
2. 手提式電話
3. 無線電話
4. 呼叫器及個人手提電話系統
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
6


Similar Part No. - MI201209-R56

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MI2012T ETC2-MI2012T Datasheet
127Kb / 2P
Thermoelectric Cooler
MI2012T-01 ETC2-MI2012T-01 Datasheet
127Kb / 2P
Thermoelectric Cooler
MI2012T-02 ETC2-MI2012T-02 Datasheet
127Kb / 2P
Thermoelectric Cooler
MI2012T-03 ETC2-MI2012T-03 Datasheet
127Kb / 2P
Thermoelectric Cooler
More results

Similar Description - MI201209-R56

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
Multilayer Chip Inductors
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
Multilayer Chip Inductors
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
Multilayer Chip Inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com