Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MI201209-R56 Datasheet(PDF) 4 Page - Productwell Precision Elect.CO.,LTD

Part # MI201209-R56
Description  MULTILAYER CHIP INDUCTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PRODUCTWELL [Productwell Precision Elect.CO.,LTD]
Direct Link  http://www.productwell.com
Logo PRODUCTWELL - Productwell Precision Elect.CO.,LTD

MI201209-R56 Datasheet(HTML) 4 Page - Productwell Precision Elect.CO.,LTD

  MI201209-R56 Datasheet HTML 1Page - Productwell Precision Elect.CO.,LTD MI201209-R56 Datasheet HTML 2Page - Productwell Precision Elect.CO.,LTD MI201209-R56 Datasheet HTML 3Page - Productwell Precision Elect.CO.,LTD MI201209-R56 Datasheet HTML 4Page - Productwell Precision Elect.CO.,LTD MI201209-R56 Datasheet HTML 5Page - Productwell Precision Elect.CO.,LTD MI201209-R56 Datasheet HTML 6Page - Productwell Precision Elect.CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MI SERIES
MULTILAYER CHIP INDUCTORS
l ELECTRICAL SPECIFICATION
INDUCTANCE
Q
TEST
FREQ
S.R.F
FREQ
DC
RESISTANCE
RATED
CURRENT
PART NO.
(
μH )
MIN
(MHz)
(MHz)MIN.
(
Ω)MAX
(mA)MAX
MI201212-2R7
□Ο
2.7
±20%
45
10
45
0.75
30
MI201212-3R3
□Ο
3.3
±20%
45
10
41
0.80
30
MI201212-3R9
□Ο
3.9
±20%
45
10
38
0.90
30
MI201212-4R7
□Ο
4.7
±20%
45
10
35
1.00
30
MI201212-5R6
□Ο
5.6
±20%
50
4
32
0.90
15
MI201212-6R8
□Ο
6.8
±20%
50
4
29
1..00
15
MI201212-8R2
□Ο
8.2
±20%
50
4
26
1.10
15
MI201212-100
□Ο
10
±20%
50
2
24
1.15
15
MI201212-120
□Ο
12
±20%
50
2
22
1.25
15
MI201212-150
□Ο
15
±20%
30
1
19
0.80
5
MI201212-180
□Ο
18
±20%
30
1
18
0.90
5
MI201212-220
□Ο
22
±20%
30
1
16
1.10
5
MI201212-270
□Ο
27
±20%
30
1
14
1.15
5
MI201212-330
□Ο
33
±20%
30
0.4
13
1.25
5
MI201212-390
□Ο
39
±20%
35
2
8
2.90
4
MI201212-470
□Ο
47
±20%
35
2
7.5
3.00
4
MI201212-560
□Ο
56
±20%
35
2
7
3.10
4
MI321611-47N
□Ο
0.047
±20%
20
50
320
0.15
300
MI321611-68N
□Ο
0.068
±20%
20
50
280
0.25
300
MI321611-R10
□Ο
0.10
±20%
20
25
235
0.25
250
MI321611-R12
□Ο
0.12
±20%
20
25
220
0.30
250
MI321611-R15
□Ο
0.15
±20%
20
25
200
0.30
250
MI321611-R18
□Ο
0.18
±20%
20
25
185
0.40
250
MI321611-R22
□Ο
0.22
±20%
20
25
170
0.40
250
MI321611-R27
□Ο
0.27
±20%
20
25
150
0.50
250
MI321611-R33
□Ο
0.33
±20%
20
25
145
0.60
250
MI321611-R39
□Ο
0.39
±20%
20
25
135
0.50
200
MI321611-R47
□Ο
0.47
±20%
25
25
125
0.60
200
MI321611-R56
□Ο
0.56
±20%
25
25
115
0.70
150
MI321611-R68
□Ο
0.68
±20%
25
25
105
0.80
150
MI321611-R82
□Ο
0.82
±20%
25
25
100
0.90
150
MI321611-1R0
□Ο
1.0
±20%
45
10
75
0.40
100
MI321611-1R2
□Ο
1.2
±20%
45
10
65
0.50
100
Productwell Precision Elect.Co.,Ltd
Kai Ping Productwell Precision Elect.Co.,Ltd
Tel:0750-2323113 Fax:0750-2312333
http:// www.productwell.com
9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com