Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6714 Datasheet(PDF) 3 Page - Silicon Standard Corp.

Part # SS6714
Description  Negative Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6714 Datasheet(HTML) 3 Page - Silicon Standard Corp.

  SS6714 Datasheet HTML 1Page - Silicon Standard Corp. SS6714 Datasheet HTML 2Page - Silicon Standard Corp. SS6714 Datasheet HTML 3Page - Silicon Standard Corp. SS6714 Datasheet HTML 4Page - Silicon Standard Corp. SS6714 Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.SiliconStandard.com
3 of 5
SS6714
TYPICAL PERFORMANCE CHARACTERISTICS
Fig. 1 Output Voltage vs. Supply Voltage
(Load Current=300
µA)
Supply Voltage (V)
0
-2
-4
-6
-8
-10
-12
-14
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
TA=25°C
Supply Voltage (V)
Supply Current Voltage vs. Supply Voltage
(No Load)
-4
-6
-8
-10
-12
4
5
6
7
8
9
10
SS6714-33
TA=25°C
-40
-20
0
20
40
60
80
100
4.4
4.6
4.8
5.0
5.2
5.4
5.6
5.8
Fig. 3 Supply Current vs Temperature
Temperature (
°C)
SS6714-33
V
IN= -6V
IOUT=0
Fig 4 Output Voltage vs Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
-3.26
-3.27
-3.28
-3.29
-3.30
VIN= -6V
IOUT=300µA
Fig. 5 Output Voltage vs Load Current
Load Current (mA)
0
1
2
3
4
5
VIN= -6V
TA=25°C
Rev.2.02 4/26/2004



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com