Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6714 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS6714
Description  Negative Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6714 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS6714 Datasheet HTML 1Page - Silicon Standard Corp. SS6714 Datasheet HTML 2Page - Silicon Standard Corp. SS6714 Datasheet HTML 3Page - Silicon Standard Corp. SS6714 Datasheet HTML 4Page - Silicon Standard Corp. SS6714 Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.SiliconStandard.com
1 of 5
SS6714
Negative Voltage Regulator
FEATURES
Low power consumption.
Low temperature coefficient.
Output short-circuit protection.
Wide operating voltage range.
Good input stability.
Space-saving packages - TO-92 or SOT-89
APPLICATIONS
LCD for Printing Calculators
Cameras
Voltage References for Instrumentation
DESCRIPTION
The SS6714 is a series of 3-terminal negative
voltage regulators with output voltages internally
set below the positive supply voltage. Since the
SS6714 consumes less current and requires
a smaller input/output voltage difference than
existing
industry-standard
3-terminal
voltage
regulators, higher capacity and longer service life
can be provide in battery-powered portable
equipment. The SS6714 is ideal as a power
source for liquid crystal displays.
TYPICAL APPLICATION CIRCUIT
SS6714-33
GND
OUT
VIN
+
1
µF
-3.3V
-6V
C1
Negative Voltage Regulator
ORDERING INFORMATION
PIN CONFIGURATION
SOT-89
TOP VIEW
1. VIN
2. GND
3. VOUT
1
2
3
1
2
3
Packing
TR: Tape and reel
TB: Tubes
Package type
X: SOT-89
Z: TO-92
Output voltage
30: -3.0V
33: -3.3V
50: -5.0V
Example: SS6714-30CXTR
à -3.0V output, in SOT-89 package
TO-92
TOP VIEW
1. GND
2. VIN
3. VOUT
SS6714-XXCXXX
Rev.2.02 4/26/2004
shipped in tape and reel


Similar Part No. - SS6714

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS6721-50GXTR SSC-SS6721-50GXTR Datasheet
448Kb / 7P
150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
SS6721-50GZTR SSC-SS6721-50GZTR Datasheet
448Kb / 7P
150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
SS6721-GXTR SSC-SS6721-GXTR Datasheet
448Kb / 7P
150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
SS6721-GZTR SSC-SS6721-GZTR Datasheet
448Kb / 7P
150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
SS6721D-50GXTR SSC-SS6721D-50GXTR Datasheet
448Kb / 7P
150mA/300mA Low Dropout Linear Regulator with 1% Output Accuracy
More results

Similar Description - SS6714

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1714 AIC-AIC1714 Datasheet
162Kb / 5P
Negative Voltage Regulator
logo
Holtek Semiconductor In...
HT74XX HOLTEK-HT74XX Datasheet
90Kb / 7P
Negative Voltage Regulator
January 26, 2000
logo
Seiko Instruments Inc
S-802 SII-S-802 Datasheet
552Kb / 10P
NEGATIVE VOLTAGE REGULATOR
logo
GTM CORPORATION
GSC79LXX GTM-GSC79LXX Datasheet
345Kb / 5P
NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SM79L09 SECOS-SM79L09 Datasheet
343Kb / 2P
Negative Voltage Regulator
S79L12 SECOS-S79L12 Datasheet
386Kb / 2P
Negative Voltage Regulator
S79L24 SECOS-S79L24 Datasheet
643Kb / 2P
Negative Voltage Regulator
logo
E-Tech Electronics LTD
GM79LXX ETL-GM79LXX Datasheet
330Kb / 5P
NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79L24 SECOS-S79L24_15 Datasheet
643Kb / 2P
Negative Voltage Regulator
S79LXX SECOS-S79LXX_15 Datasheet
720Kb / 5P
Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com