Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6714 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS6714
Description  Negative Voltage Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6714 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS6714 Datasheet HTML 1Page - Silicon Standard Corp. SS6714 Datasheet HTML 2Page - Silicon Standard Corp. SS6714 Datasheet HTML 3Page - Silicon Standard Corp. SS6714 Datasheet HTML 4Page - Silicon Standard Corp. SS6714 Datasheet HTML 5Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.SiliconStandard.com
4 of 5
SS6714
BLOCK DIAGRAM
+
VOUT
VIN
GND
-
+
-
VREF
PIN DESCRIPTIONS
VOUT PIN - Output pin.
GND PIN - Power GND.
VIN PIN
- Power Supply Input.
APPLICATION INFORMATION
A capacitor of at least 1
µF is required between the
output of the SS6714 and ground for stability.
Without this capacitor the part will oscillate. Even
though most types of capacitor may work, the
equivalent series resistance (ESR) should be held
to 5
Ω or less if an aluminum electrolytic type is
used. Many aluminum electrolytic capacitors have
electrolytes that freeze at about -30
°C, so solid
tantalum capacitors are recommended for operation
below -25
°C. The value of this capacitor may be
increased without limit.
A capacitor of at least 0.1
µF should be placed from
the input of the SS6714 to ground if the lead
inductance between the input and power source
exceeds 500nH (approximately 10 inches of trace).
Rev.2.02 4/26/2004



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com