Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6804CCSTR Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS6804CCSTR
Description  Three/Four-cell Lithium-Ion Battery Protection IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6804CCSTR Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS6804CCSTR Datasheet HTML 1Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 2Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 9Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.SiliconStandard.com
5 of 12
SS6804
TYPICAL PERFORMANCE CHARACTERISTICS
10.4
11.2
12.0
12.8
13.6
14.4
15.2
16.0
14
16
18
20
22
Fig. 1 Vcc Pin Input Current vs. Supply Voltage
Supply Voltage (V)
TA=25°C
6.0
6.4
6.8
7.2
7.6
8.0
8.4
8.8
9.2
1.0
1.2
1.4
1.6
1.8
2.0
2.2
TA=25°C
Fig. 2 Vcc Pin Power-Down Current vs. Supply Voltage
Supply Voltage (V)
-20
-10
0
1020
3040
5060
70
14
16
18
20
22
Fig. 3 Vcc Pin Input Current vs. Temperature
VCELL =3.5V
Temperature (
°C)
-20
-10
0
10203040506070
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
VCELL=2.3V
Fig. 4 Vcc Pin Power-Down Current vs. Temperature
Temperature (
°C)
4.20
4.22
4.24
4.26
4.28
4.30
Fig. 5 Overcharge Protection Voltage vs. Temperature
-20
0
20
40
60
70
SS6
804C
Temperature (
°C)
2.36
2.37
2.38
2.39
2.40
2.41
2.42
-20
-100
1020
304050
60
70
Fig. 6 Overdischarge Protection Voltage vs. Temperature
Temperature (
°C)
12/29/2003 Rev.2.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com