Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6804CCSTR Datasheet(PDF) 7 Page - Silicon Standard Corp.

Part # SS6804CCSTR
Description  Three/Four-cell Lithium-Ion Battery Protection IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6804CCSTR Datasheet(HTML) 7 Page - Silicon Standard Corp.

Back Button SS6804CCSTR Datasheet HTML 3Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 9Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 10Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 11Page - Silicon Standard Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.SiliconStandard.com
7 of 12
SS6804


BLOCK DIAGRAM
Battery
Voltage
Sense
Circuit
450
400
350
300
12
VC2
14
VC1
16
VCC
10
15
13
11
9
8
UD4
UD3
UD2
VC3
UD1
GND
3
CS
7
TC
6
5
Wake-Up Control
2
4
OC
OD
VCC-1V
VCC-0.3V
VCC-0.15V
VCC+0.4V
Power-Down
Control
1.2V
Overcharge Delay
Circuit
Overcurrent Delay
Circuit
TI
TD
Overdischarge Delay
Circuit
PIN DESCRIPTIONS
PIN 1: NSL-
Input
pin
for
cell
number
selection. Connect this pin to
VCC for three-cell application
and
to
GND
for
four-cell
application.
PIN 2: OC-
NMOS open drain output for
control of the charge control
MOSFET M2. When overcharge
occurs, this pin sinks current to
switch the external PNP Q1 on,
and charging is inhibited by
turning off the charge control
MOSFET M2.
PIN 3: CS-
Input pin for current sensing.
Using the drain-source voltage of
the discharge control MOSFET
M1 (voltage between VCC and
CS), it senses the discharge
current
during normal mode
and
detects whether charging
current
is
present
during
power-down mode.
PIN 4: OD -
Output
pin
for
control
of
discharge control MOSFET M1.
When overdischarge occurs, this
pin goes high to turn off the
discharge control MOSFET M1
and discharging is inhibited.
PIN 5: TD-
Overdischarge delay time setting
pin.
PIN 6: TI -
Overcurrent delay time setting
pin.
PIN 7: TC -
Overcharge delay time setting
pin.
PIN 8: GND -
Ground pin. This pin is to be
connected
to
the
negative
terminal of the battery cell BAT4.
PIN 9: UD4-
This pin is to be connected to the
positive terminal of the battery
cell
BAT4
for
cell-balancing
bleeding
function
under
overcharge condition.
12/29/2003 Rev.2.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com