Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS6804CCSTR Datasheet(PDF) 8 Page - Silicon Standard Corp.

Part # SS6804CCSTR
Description  Three/Four-cell Lithium-Ion Battery Protection IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS6804CCSTR Datasheet(HTML) 8 Page - Silicon Standard Corp.

Back Button SS6804CCSTR Datasheet HTML 4Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 5Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 6Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 7Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 8Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 9Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 10Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 11Page - Silicon Standard Corp. SS6804CCSTR Datasheet HTML 12Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.SiliconStandard.com
8 of 12
SS6804
PIN10: VC3-
Input
pin
for
battery
BAT4
voltage sensing. This pin is to be
connected
to
the
positive
terminal of the battery cell BAT4.
PIN11: UD3 -
This pin is to be connected to
the
positive terminal of the
battery cell BAT3
for
cell-
balancing
bleeding function
under overcharge condition.
PIN12: VC2 -
Input
pin
for
battery
BAT3
voltage sensing. This pin is to be
connected
to
the
positive
terminal of the battery cell BAT3.
PIN13: UD2 - This pin is to be connected to the
positive terminal of the battery
cell
BAT2
for
cell-balancing
bleeding
function
under
overcharge condition.
PIN14: VC1 -
Input
pin
for
battery
BAT2
voltage sensing. This pin is to be
connected
to
the
positive
terminal of the battery cell BAT2.
PIN15: UD1 -
positive terminal of the battery
BAT1 for cell-balancing bleeding
function
under
overcharge
condition.
PIN16: VCC - Power supply pin and input for
battery BAT1 voltage sensing.
This pin is to be connected to the
positive terminal of the battery
cell BAT1.
APPLICATION INFORMATION
THE OPERATION
Initialization
On initial power-up, such as connecting the
battery pack for the first time to the SS6804, the
SS6804
enters the power-down mode. A
charger must be applied to the SS6804 circuit
to enable the pack.
Overcharge Protection
When the voltage of either of the battery cells
exceeds the overcharge protection voltage
(VOCP) beyond the overcharge delay time (TOC)
period, charging is inhibited by the turning-off of
the
charge
control
MOSFET
M2.
The
overcharge delay time is set by the external
capacitor
CTC. Inhibition of charging is
immediately released when the voltage of the
overcharged
cell
becomes
lower
than
overcharge release voltage (VOCR or VOCP-VHYS)
through discharging.
Overdischarge Protection
When the voltage of either of the battery cells
falls below the overdischarge protection voltage
(VODP) beyond the overdischarge delay time
(TOD) period, discharging is inhibited by the
turning-off of the discharge control MOSFET M1.
The overdischarge delay time is set by the
external capacitor CTD. Inhibition of discharging
is immediately released when the voltage of the
overdischarge cell becomes higher than the
overdischarge release voltage (VODR) through
charging.
Overcurrent Protection
In normal mode, the SS6804 continuously
monitors the discharge current by sensing the
voltage of CS pin. If the voltage VCC-VCS
exceeds the overcurrent protection voltage (VOIP)
beyond the overcurrent delay time (TOI) period,
the overcurrent protection circuit operates and
discharging is inhibited by the turning-off of the
discharge control MOSFET M1. Discharging
must be inhibited for at least 256ms after
overcurrent takes place to avoid damage to
external control MOSFETs due to rapidly
switching transient between BATT+ and BATT-
terminals. The overcurrent condition returns to
normal mode when the load is released and the
impedance between the BATT+ and BATT-
terminals is 20M
Ω or higher.
The SS6804 is provided with the three
12/29/2003 Rev.2.02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com