Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28HT010 Datasheet(PDF) 3 Page - Xicor Inc.

Part # X28HT010
Description  High Temperature, 5 Volt, Byte Alterable E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28HT010 Datasheet(HTML) 3 Page - Xicor Inc.

  X28HT010 Datasheet HTML 1Page - Xicor Inc. X28HT010 Datasheet HTML 2Page - Xicor Inc. X28HT010 Datasheet HTML 3Page - Xicor Inc. X28HT010 Datasheet HTML 4Page - Xicor Inc. X28HT010 Datasheet HTML 5Page - Xicor Inc. X28HT010 Datasheet HTML 6Page - Xicor Inc. X28HT010 Datasheet HTML 7Page - Xicor Inc. X28HT010 Datasheet HTML 8Page - Xicor Inc. X28HT010 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
X28HT010
3
DEVICE OPERATION
Read
Read operations are initiated by both
OE and CE LOW.
The read operation is terminated by either
CE or OE
returning HIGH. This two line control architecture elimi-
nates bus contention in a system environment. The data
bus will be in a high impedance state when either
OE or
CE is HIGH.
Write
Write operations are initiated when both
CE and WE are
LOW and
OE is HIGH. The X28HT010 supports both a
CE and WE controlled write cycle. That is, the address
is latched by the falling edge of either
CE or WE,
whichever occurs last. Similarly, the data is latched
internally by the rising edge of either
CE or WE, which-
ever occurs first. A byte write operation, once initiated,
will automatically continue to completion, typically within
5ms.
Page Write Operation
The page write feature of the X28HT010 allows the
entire memory to be written in 5 seconds. Page write
allows two to two hundred fifty-six bytes of data to be
consecutively written to the X28HT010 prior to the
commencement of the internal programming cycle. The
host can fetch data from another device within the
system during a page write operation (change the source
address), but the page address (A8 through A16) for
each subsequent valid write cycle to the part during this
operation must be the same as the initial page address.
The page write mode can be initiated during any write
operation. Following the initial byte write cycle, the host
can write an additional one to two hundred fifty-six bytes
in the same manner as the first byte was written. Each
successive byte load cycle, started by the
WE HIGH to
LOW transition, must begin within 100
µs of the falling
edge of the preceding
WE. If a subsequent WE HIGH to
LOW transition is not detected within 100
µs, the internal
automatic programming cycle will commence. There is
no page write window limitation. Effectively the page
write window is infinitely wide, so long as the host
continues to access the device within the byte load cycle
time of 100
µs.
HARDWARE DATA PROTECTION
The X28HT010 provides three hardware features that
protect nonvolatile data from inadvertent writes.
• Noise Protection—A WE pulse less than 10ns will not
initiate a write cycle.
• Default VCC Sense—All functions are inhibited when
VCC is ≤3.4V.
• Write inhibit—Holding either OE LOW, WE HIGH, or
CE HIGH will prevent an inadvertent write cycle
during power-up and power-down, maintaining data
integrity.
SYSTEM CONSIDERATIONS
Because the X28HT010 is frequently used in large
memory arrays it is provided with a two line control
architecture for both read and write operations. Proper
usage can provide the lowest possible power dissipation
and eliminate the possibility of contention where mul-
tiple I/O pins share the same bus.
It has been demonstrated that markedly higher tem-
perature performance can be obtained from this device
if
CE is left enabled throughout the read and write
operation.
To gain the most benefit it is recommended that
CE be
decoded from the address bus and be used as the
primary device selection input. Both
OE and WE would
then be common among all devices in the array. For a
read operation this assures that all deselected devices
are in their standby mode and that only the selected
device(s) is outputting data on the bus.
Because the X28HT010 has two power modes, standby
and active, proper decoupling of the memory array is of
prime concern. Enabling
CE will cause transient current
spikes. The magnitude of these spikes is dependent on
the output capacitive loading of the I/Os. Therefore, the
larger the array sharing a common bus, the larger the
transient spikes. The voltage peaks associated with the
current transients can be suppressed by the proper
selection and placement of decoupling capacitors. As a
minimum, it is recommended that a 0.1
µF high fre-
quency ceramic capacitor be used between VCC and
VSS at each device. Depending on the size of the array,
the value of the capacitor may have to be larger.
In addition, it is recommended that a 4.7
µF electrolytic
bulk capacitor be placed between VCC and VSS for each
eight devices employed in the array. This bulk capacitor
is employed to overcome the voltage droop caused by
the inductive effects of the PC board traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com