Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28HT010 Datasheet(PDF) 4 Page - Xicor Inc.

Part # X28HT010
Description  High Temperature, 5 Volt, Byte Alterable E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28HT010 Datasheet(HTML) 4 Page - Xicor Inc.

  X28HT010 Datasheet HTML 1Page - Xicor Inc. X28HT010 Datasheet HTML 2Page - Xicor Inc. X28HT010 Datasheet HTML 3Page - Xicor Inc. X28HT010 Datasheet HTML 4Page - Xicor Inc. X28HT010 Datasheet HTML 5Page - Xicor Inc. X28HT010 Datasheet HTML 6Page - Xicor Inc. X28HT010 Datasheet HTML 7Page - Xicor Inc. X28HT010 Datasheet HTML 8Page - Xicor Inc. X28HT010 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
X28HT010
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions, unless otherwise specified.)
Limits
Symbol
Parameter
Min.
Max.
Units
Test Conditions
ICC
VCC Current (Active)
50
mA
CE = OE = VIL, WE = VIH,
(TTL Inputs)
All I/O’s = Open, Address Inputs =
.4V/2.4V Levels @ f = 5MHz
ISB1
VCC Current (Standby)
3
mA
CE = VIH, OE = VIL
(TTL Inputs)
All I/O’s = Open, Other Inputs = VIH
ILI
Input Leakage Current
20
µAVIN = VSS to VCC
ILO
Output Leakage Current
20
µAVOUT = VSS to VCC, CE = VIH
VlL(1)
Input LOW Voltage
–1
0.6
V
VIH(1)
Input HIGH Voltage
2.2
VCC + 1
V
VOL
Output LOW Voltage
0.5
V
IOL = 1mA
VOH
Output HIGH Voltage
2.6
V
IOH = –400µA
IBB
Back Bias Current
200
µAVBB = –3V ±10%
6613 PGM T04.2
*COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only and the functional operation of
the device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS*
Temperature under Bias
X28HT010 ................................. –55
°C to +175°C
Voltage on any Pin with
Respect to VSS ....................................... –1V to +7V
D.C. Output Current ............................................. 5mA
Lead Temperature
(Soldering, 10 seconds) .............................. 300
°C
RECOMMEND OPERATING CONDITIONS
Temperature
Min.
Max.
High Temp.
–40
°C
+175
°C
6613 PGM T02.2
Notes: (1) VIL min. and VIH max. are for reference only and are not tested.
Supply Voltages
Limits
X28HT010
5V
±5%
Back Bias Voltage: v
–3V
±10%
6613 PGM T03.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com