Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X28HT010 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X28HT010
Description  High Temperature, 5 Volt, Byte Alterable E2PROM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X28HT010 Datasheet(HTML) 1 Page - Xicor Inc.

  X28HT010 Datasheet HTML 1Page - Xicor Inc. X28HT010 Datasheet HTML 2Page - Xicor Inc. X28HT010 Datasheet HTML 3Page - Xicor Inc. X28HT010 Datasheet HTML 4Page - Xicor Inc. X28HT010 Datasheet HTML 5Page - Xicor Inc. X28HT010 Datasheet HTML 6Page - Xicor Inc. X28HT010 Datasheet HTML 7Page - Xicor Inc. X28HT010 Datasheet HTML 8Page - Xicor Inc. X28HT010 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
X28HT010
1
High Temperature, 5 Volt, Byte Alterable E2PROM
© Xicor, Inc. 1991, 1995, 1996 Patents Pending
Characteristics subject to change without notice
6613-1.5 8/5/97 T2/C0/D0 EW
FEATURES
• 175
°C Full Functionality
• Simple Byte and Page Write
—Single 5V Supply
—Self-Timed
—No Erase Before Write
—No Complex Programming Algorithms
—No Overerase Problem
• Highly Reliable Direct Write™ Cell
—Endurance: 10,000 Write Cycles
—Data Retention: 100 Years
—Higher Temperature Functionality is Possible
by Operating in the Byte Mode.
DESCRIPTION
The Xicor X28HT010 is a 128K x 8 E2PROM, fabricated
with Xicor's proprietary, high performance, floating gate
CMOS technology which provides Xicor products supe-
rior high temperature performance characteristics. Like
all Xicor programmable non-volatile memories the
X28HT010 is a 5V only device. The X28HT010 features
the JEDEC approved pinout for byte-wide memories,
compatible with industry standard EPROMs.
The X28HT010 supports a 256-byte page write opera-
tion, effectively providing a 19
µs/byte write cycle and
enabling the entire memory to be typically written in less
than 2.5 seconds.
Xicor E2PROMs are designed and tested for applica-
tions requiring extended endurance. Data retention is
specified to be greater than 100 years.
1M
X28HT010
128K x 8 Bit
PIN CONFIGURATIONS
6613 FHD F02
VBB
A16
A15
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
VSS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
VCC
WE
NC
A14
A13
A8
A9
A11
OE
A10
CE
I/O7
I/O6
I/O5
I/O4
I/O3
X28HT010
FLAT PACK
CERDIP
SOIC (R)
X28HT010
(BOTTOM VIEW)
14
A0
16
I/O1
18
VSS
11
A3
9
A5
7
A7
15
I/O0
17
I/O2
19
I/O3
5
A15
2
NC
36
VCC
20
I/O4
21
I/O5
34
NC
23
I/O7
25
A10
27
A11
29
A8
22
I/O6
32
NC
6613 FHD F21
24
CE
26
OE
28
A9
30
A13
13
A1
12
A2
10
A4
8
A6
4
A
16
3
V
BB
1
NC
35
WE
33
NC
31
A14
6
A12
PGA


Similar Part No. - X28HT010

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X28HT010 INTERSIL-X28HT010 Datasheet
440Kb / 20P
5V, Byte Alterable EEPROM
February 12, 2007
logo
Renesas Technology Corp
X28HT010 RENESAS-X28HT010 Datasheet
823Kb / 20P
5V, Byte Alterable EEPROM
February 12, 2007
logo
Intersil Corporation
X28HT010W INTERSIL-X28HT010W Datasheet
440Kb / 20P
5V, Byte Alterable EEPROM
February 12, 2007
X28HT010W INTERSIL-X28HT010W Datasheet
446Kb / 20P
Protects data against system level inadvertent writes
February 12, 2007
logo
Renesas Technology Corp
X28HT010W RENESAS-X28HT010W Datasheet
823Kb / 20P
5V, Byte Alterable EEPROM
February 12, 2007
More results

Similar Description - X28HT010

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X2804C XICOR-X2804C Datasheet
54Kb / 13P
5 Volt, Byte Alterable E2PROM
X28C010 XICOR-X28C010 Datasheet
127Kb / 25P
5 Volt, Byte Alterable E2PROM
X28C256 XICOR-X28C256 Datasheet
113Kb / 24P
5 Volt, Byte Alterable E2PROM
X28C64 XICOR-X28C64 Datasheet
110Kb / 25P
5 Volt, Byte Alterable E2PROM
X28HC256 XICOR-X28HC256 Datasheet
110Kb / 24P
5 Volt, Byte Alterable E2PROM
X28HC64 XICOR-X28HC64 Datasheet
112Kb / 24P
5 Volt, Byte Alterable E2PROM
X28HT512 XICOR-X28HT512 Datasheet
68Kb / 13P
High Temperature, 5 Volt, Byte Alterable E2PROM
X28VC256 XICOR-X28VC256 Datasheet
109Kb / 24P
5 Volt, Byte Alterable E2PROM
XM28C020 XICOR-XM28C020 Datasheet
74Kb / 16P
5 Volt, Byte Alterable E2PROM
XM28C040 XICOR-XM28C040 Datasheet
76Kb / 17P
5 Volt, Byte Alterable E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com