Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8037 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS8037
Description  Microprocessor Reset IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8037 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS8037 Datasheet HTML 1Page - Silicon Standard Corp. SS8037 Datasheet HTML 2Page - Silicon Standard Corp. SS8037 Datasheet HTML 3Page - Silicon Standard Corp. SS8037 Datasheet HTML 4Page - Silicon Standard Corp. SS8037 Datasheet HTML 5Page - Silicon Standard Corp. SS8037 Datasheet HTML 6Page - Silicon Standard Corp. SS8037 Datasheet HTML 7Page - Silicon Standard Corp. SS8037 Datasheet HTML 8Page - Silicon Standard Corp. SS8037 Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.SiliconStandard.com
4 of 9
ABSOLUTE MAXIMUM RATINGS
All terminal voltages with respect to GND
VCC.……………………………..…….…….-0.3V to +6.0V
RESET, RESET (push-pull)....…....-0.3V to (VCC + 0.3V)
RESET
(open drain)...….......................-0.3V to +6.0V
Input Current, VCC ............................….................20mA
Output Current, RESET, RESET ........................20mA
Continuous Power Dissipation (TA = +70°C)
3-Pin SOT23 (derate 4mW/°C above +70°C)….320mW
Operating Temperature Range …........-40°C to +105°C
Storage Temperature Range..….….….-65°C to +150°C
Lead Temperature (soldering, 10s) ..…....…......+300°C
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
ELECTRICAL CHARACTERISTICS
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V for
463/438/400 versions, VCC= 3.3V for 308/293 versions, and VCC = 3V for 263 version.) (Note 1)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX UNITS
TA = 0°C +70°C
1.0
5.5
VCC Range
TA = -40°C +105°C
1.2
5.5
V
VCC<5.5V, 803xx463/438/400x
22
30
Supply Current (SOT-23)
ICC
TA = -40°C +105°C
VCC<3.6V, 803xx308/293/263x
10
23
µA
TA = +25°C
4.56
4.63
4.70
TA = -40°C to +85°C
4.50
4.75
SS803xx463x
TA = +85°C to +105°C
4.40
4.86
TA = +25°C
4.31
4.38
4.45
TA = -40°C to +85°C
4.25
4.50
SS803xx438x
TA = +85°C to +105°C
4.16
4.56
TA = +25°C
3.93
4.00
4.06
TA = -40°C to +85°C
3.89
4.10
SS803xx400x
TA = +85°C to +105°C
3.80
4.20
TA = +25°C
3.04
3.08
3.11
TA = -40°C to +85°C
3.00
3.15
SS803xx308x
TA = +85°C to +105°C
2.92
3.23
TA = +25°C
2.89
2.93
2.96
TA = -40°C to +85°C
2.85
3.00
SS803xx293x
TA = +85°C to +105°C
2.78
3.08
TA = +25°C
2.59
2.63
2.66
TA = -40°C to +85°C
2.55
2.70
Reset Threshold
VTH
SS803xx263x
TA = +85°C to +105°C
2.50
2.76
V
SS8037/8(G)
10/6/2004 Rev.2.20



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com