Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8037 Datasheet(PDF) 5 Page - Silicon Standard Corp.

Part # SS8037
Description  Microprocessor Reset IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8037 Datasheet(HTML) 5 Page - Silicon Standard Corp.

  SS8037 Datasheet HTML 1Page - Silicon Standard Corp. SS8037 Datasheet HTML 2Page - Silicon Standard Corp. SS8037 Datasheet HTML 3Page - Silicon Standard Corp. SS8037 Datasheet HTML 4Page - Silicon Standard Corp. SS8037 Datasheet HTML 5Page - Silicon Standard Corp. SS8037 Datasheet HTML 6Page - Silicon Standard Corp. SS8037 Datasheet HTML 7Page - Silicon Standard Corp. SS8037 Datasheet HTML 8Page - Silicon Standard Corp. SS8037 Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
www.SiliconStandard.com
5 of 9
ELECTRICAL CHARACTERISTICS (Cont.)
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V for
463/438/400 versions, VCC= 3.3V for 308/293 versions, and VCC = 3V for 263 version.) (Note 1)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX UNITS
Reset Threshold Tempco
40
ppm/°C
VCC to Reset Delay (Note 2)
VCC = VTH to (VTH – 100mV)
7
µs
VCC = VTH max,
SS803xx463/438/400
280
640
Reset Active Timeout Period
VCC = VTH max,
SS803xx308/293/263
140
550
ms
RESET Output Current Low (push-pull active low,
and open-drain active-low, SS8037L and
SS8038L)
IOL
VCC = 2.5V, V RESET = 0.5V
8
mA
VCC = 5V, V RESET = 4.5V,
SS8037L463/438/400
4.5
VCC = 3.3V, V RESET = 2.8V,
SS8037L308/293
3
RESET Output Current High (push-pull active
low, SS8037L)
IOH
VCC = 3V, V RESET = 2.5V,
SS8037L263
2
mA
VCC = 5V, VRESET = 0.5V,
SS8037H463/438/400
16
VCC = 3.3V, VRESET = 0.5V,
SS8037H308/293
12
RESET Output Current Low (push-pull active high,
SS8037H)
IOL
VCC = 3V, VRESET = 0.5V,
SS8037H263
10
mA
RESET Output Current High (push-pull active high,
SS8037H)
IOH
VCC = 2.5V, VRESET = 2V
2
mA
RESET Open-Drain Output Leakage Current
(SS8038L)
VCC > VTH, RESET de-asserted
1
µA
Note 1: Production testing done at TA = +25°C; limits over temperature guaranteed by design.
Note 2: RESET output is for SS8037L/38L; RESET output is for SS8037H.
SS8037/8(G)
10/6/2004 Rev.2.20



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com