Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8037 Datasheet(PDF) 6 Page - Silicon Standard Corp.

Part # SS8037
Description  Microprocessor Reset IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8037 Datasheet(HTML) 6 Page - Silicon Standard Corp.

  SS8037 Datasheet HTML 1Page - Silicon Standard Corp. SS8037 Datasheet HTML 2Page - Silicon Standard Corp. SS8037 Datasheet HTML 3Page - Silicon Standard Corp. SS8037 Datasheet HTML 4Page - Silicon Standard Corp. SS8037 Datasheet HTML 5Page - Silicon Standard Corp. SS8037 Datasheet HTML 6Page - Silicon Standard Corp. SS8037 Datasheet HTML 7Page - Silicon Standard Corp. SS8037 Datasheet HTML 8Page - Silicon Standard Corp. SS8037 Datasheet HTML 9Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.SiliconStandard.com
6 of 9
TYPICAL PERFORMANCE CHARACTERISTICS
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V for
463/438/400 versions, VCC= 3.3V for 308/293 versions, and VCC = 3V for 263 version.)
Supply Current vs.Temperature
(No Load)
0
5
10
15
20
-40
-20
0
20
40
60
80
Temperature (°C)
803xx463/438/400, Vcc=5V
803xx308/293/263, Vcc=3.3V
803xxx463/438/400/308/293/263, Vcc=1V
Power-down Reset Delay vs.
Temperature (803xx308/293/263)
0
10
20
30
40
50
60
70
-40
-20
0
20
40
60
80
Temperature (°C)
VOD = VTH - VCC
VOD = 10mV
VOD = 20mV
VOD = 100mV
VOD = 200mV
0
20
40
60
80
100
120
140
-40
-20
0
20
40
60
80
Temperature (°C)
VOD = VTH - VCC
VOD = 10mV
VOD = 20mV
VOD = 100mV
Normalized Reset Threshold
vs. Temperature
0.988
0.99
0.992
0.994
0.996
0.998
1
1.002
-40
-20
0
20
40
60
80
Temperature (°C)
Power-down Reset Delay vs.
Temperature (803xx463/438/400)
Power-up Reset Timeout
vs. Temperature
0
100
200
300
400
500
600
-40
-20
0
20
40
60
80
Temperature (°C)
803xx308/293/263
803xx463/438/400
SS8037/8(G)
10/6/2004 Rev.2.20



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com