Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8039 Datasheet(PDF) 2 Page - Silicon Standard Corp.

Part # SS8039
Description  Microprocessor Voltage Monitor with Manual Reset
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8039 Datasheet(HTML) 2 Page - Silicon Standard Corp.

  SS8039 Datasheet HTML 1Page - Silicon Standard Corp. SS8039 Datasheet HTML 2Page - Silicon Standard Corp. SS8039 Datasheet HTML 3Page - Silicon Standard Corp. SS8039 Datasheet HTML 4Page - Silicon Standard Corp. SS8039 Datasheet HTML 5Page - Silicon Standard Corp. SS8039 Datasheet HTML 6Page - Silicon Standard Corp. SS8039 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.SiliconStandard.com
2 of 7
SS8039
Ordering Information
Options are released to production as needed. Please check with Silicon Standard for availability.
SS8039X XXX TC XX
Packing - TR: Tape and reel
Package type - TC: SOT-143
Threshold voltage - xxx specifies the threshold voltage.
Reset active-low (L) or active-high (H)
Example: SS8039H263TCTR
SS8039 with push-pull active-high reset output at 2.63V in SOT-143 package supplied on tape and reel
Rev.2.02 1/06/2004
Absolute Maximum Ratings
Terminal voltages with respect to GND
VCC.……………………………..…….…….-0.3V to +6.0V
Continuous Power Dissipation (TA = +70°C)
RESET, RESET (push-pull)....…....-0.3V to (VCC + 0.3V)
SOT-143 (derate 4mW/°C above +70°C)….…....320mW
Input Current,VCC...........................….............20mA
Operating Temperature Range …..…....-40°C to +105°C
Output Current, RESET, RESET ......................20mA
Storage Temperature Range..….... …. ...-65°C to +150°C
Lead Temperature (soldering, 10s) …....…......+300°C
Electrical Characteristics
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V for
463/438/400 versions, VCC= 3.3V for 308/293 versions, and VCC = 3V for 263 version.) (Note 1)
PARAMETER
SYMBOL
CONDITION
MIN
TYP MAX UNITS
TA = 0°C +70°C
1.0
5.5
VCC Range
TA = -40°C +105°C
1.2
5.5
V
VCC<5.5V, SS8039x463/438/400
5.5
9
Supply Current
ICC
TA = -40°C +105°C
VCC<3.6V, SS8039x308/293/263
5
8
µA
SS8039x463
TA = +25°C
4.537
4.63
4.722
SS8039x438
TA = +25°C
4.292
4.38
4.467
SS8039x400
TA = +25°C
3.92
4.00
4.08
SS8039x308
TA = +25°C
3.018
3.08
3.141
SS8039x293
TA = +25°C
2.871
2.93
2.988
Reset Threshold
VTH
SS8039x263
TA = +25°C
2.577
2.63
2.682
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com