Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8039 Datasheet(PDF) 1 Page - Silicon Standard Corp.

Part # SS8039
Description  Microprocessor Voltage Monitor with Manual Reset
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8039 Datasheet(HTML) 1 Page - Silicon Standard Corp.

  SS8039 Datasheet HTML 1Page - Silicon Standard Corp. SS8039 Datasheet HTML 2Page - Silicon Standard Corp. SS8039 Datasheet HTML 3Page - Silicon Standard Corp. SS8039 Datasheet HTML 4Page - Silicon Standard Corp. SS8039 Datasheet HTML 5Page - Silicon Standard Corp. SS8039 Datasheet HTML 6Page - Silicon Standard Corp. SS8039 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.SiliconStandard.com
1 of 7
Microprocessor Voltage Monitor with Manual Reset
Features
Precision monitoring of +3V, +3.3V, and +5V
power-supply voltages
Fully specified over temperature
Available in two output configurations
Push-pull RESET output (SS8039L)
Push-pull RESET output (SS8039H)
Manual reset input
Power-on reset pulse width of 140ms min
Supply current of 5µA
Guaranteed reset valid to VCC = +1V
Power supply transient immunity
No external components
4-Pin SOT-143 package
Applications
Computers
Controllers
Intelligent instruments
Critical µP and µC power monitoring
Portable / battery-powered equipment
Automotive
General Description
The SS8039 is a microprocessor (µP) supervisory
circuit used to monitor the power supplies in µP and
digital systems. It provides excellent circuit reliability
and low cost by eliminating external components and
adjustments when used with +5V, +3.3V, +3.0V- pow-
ered circuits.
These circuits perform a single function: they assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold, keeping it asserted for at least
140ms after VCC has risen above the reset threshold.
Reset thresholds suitable for operation with a variety of
supply voltages are available.
The SS8039 has a push-pull output stage. The
SS8039L has an active-low RESET output, while the
SS8039H has an active-high RESET output. The reset
comparator is designed to ignore fast transients on VCC,
and the outputs are guaranteed to be in the correct logic
state for VCC down to 1V.
Low supply current makes the SS8039 ideal for use
in portable equipment, and it is available in a 4-pin
SOT-143 package.
Pin Configuration
Typical Application
Rev.2.02 1/06/2004
Compatible with the popular "811" series
RESET
INPUT
GND
V
CC
RESET
(RESET)
GND
V
CC
V
CC
MR
RESET
INPUT
GND
V
CC
RESET
(RESET)
GND
V
CC
V
CC
MR
RESET
INPUT
GND
µP
V
CC
RESET
(RESET)
GND
SS8039
V
CC
V
CC
MR
V
CC
4
GND
2
RESET(RESET)
MR
3
1
V
CC
4
GND
2
RESET(RESET)
MR
3
1
V
CC
SOT143
SS8039
4
GND
2
RESET(RESET)
MR
3
(RESET) for SS8039H
1
(RESET) for SS8039H
SS8039


Similar Part No. - SS8039

ManufacturerPart #DatasheetDescription
logo
Silicon Standard Corp.
SS8037 SSC-SS8037 Datasheet
326Kb / 9P
Microprocessor Reset IC
SS8037G SSC-SS8037G Datasheet
326Kb / 9P
Microprocessor Reset IC
SS8037H263GT71 SSC-SS8037H263GT71 Datasheet
326Kb / 9P
Microprocessor Reset IC
SS8037H263GT72 SSC-SS8037H263GT72 Datasheet
326Kb / 9P
Microprocessor Reset IC
SS8037H263GT73 SSC-SS8037H263GT73 Datasheet
326Kb / 9P
Microprocessor Reset IC
More results

Similar Description - SS8039

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7665CPA MAXIM-ICL7665CPA Datasheet
114Kb / 12P
Microprocessor Voltage Monitor with
19-0001; Rev 2; 8/97
logo
SG Micro Corp
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
Microprocessor Supervisory with Manual Reset Input
logo
Diodes Incorporated
APX811 DIODES-APX811 Datasheet
223Kb / 2P
Tiny microprocessor supervisors with manual reset
logo
ams AG
AS1925 AMSCO-AS1925 Datasheet
340Kb / 12P
Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
logo
Micrel Semiconductor
MIC2785 MICREL-MIC2785 Datasheet
135Kb / 6P
Dual Supply Voltage Monitor with Manual Reset
logo
Anpec Electronics Corop...
APR3101 ANPEC-APR3101 Datasheet
137Kb / 14P
Micropower Microprocessor Reset Circuit with Manual Reset
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
Microprocessor Supervisory with Manual Reset Input
logo
Micrel Semiconductor
MIC2785 MICREL-MIC2785_15 Datasheet
407Kb / 8P
Dual Supply Voltage Monitor with Manual Reset
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
Microprocessor Supervisory with Manual Reset Input
logo
Fitipower Integrated Te...
FP6811 FITIPOWER-FP6811 Datasheet
581Kb / 12P
Microprocessor Voltage Monitors with Manual Reset
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com