Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1925 Datasheet (PDF) - ams AG

AS1925 Datasheet PDF - ams AG
Part # AS1925
Download  AS1925 Download
File Size   340.64 Kbytes
Page   12 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset

AS1925 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS1925 Datasheet PDF - ams AG

Part # AS1925
Download  AS1925 Click to download

File Size   340.64 Kbytes
Page   12 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset

AS1925 Datasheet (HTML) - ams AG


AS1925 Product details

General Description

The AS1925/AS1926 microprocessor supervisory circuits were designed to assert a single reset if the monitored supply voltage drops below its reset threshold or if the manual reset is activated. The reset remains asserted for a fixed timeout delay after VCC has risen above the reset threshold and the manual reset is deas serted.

Their small size, excellent circuit reliability, and low supply current (3.5µA) make the AS1925/AS1926 a very low cost solution by eliminating external components and adjustments when used with low-voltage (+0.9 to +1.5V) systems.



Key Features

Factory-Trimmed Reset Thresholds for Monitoring Supplies from 0.9 to 1.5V

Low Power Consumption: 3.5µA

Reset Threshold Accuracy Over Temperature: ±2.5%

Four Timeout Periods: 1.5ms, 30ms, 210ms, and 1.68s

Three Reset Output Types:

 - Active-Low Push/Pull

 - Active-High Push/Pull

 - Active Low Open-Drain

Guaranteed Reset Valid to VCC = 0.55V (Active Low)

Manual Reset Input

Immune to Fast VCC Transients

5-pin SOT23 Package



Applications

The device is ideal for portable and battery-powered systems, embedded controllers, intelligent instruments, automotive systems, telecommunications equipment, networking equipment, computer workstations and serv

ers, critical CPU monitoring applications, and any low voltage application.




Similar Part No. - AS1925

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS192-000 SKYWORKS-AS192-000 Datasheet
181Kb / 4P
PHEMT GaAs IC High-Power SP4T Switch 0.1-2.5 GHz
logo
Alpha Industries
AS192-300 ALPHA-AS192-300 Datasheet
28Kb / 2P
PHEMT GaAs IC High Power SP4T Switch 0.1-2.5 GHz
logo
Skyworks Solutions Inc.
AS192-306 SKYWORKS-AS192-306 Datasheet
43Kb / 2P
PHEMT GaAs IC High Power SP4T Switch 0.1-2.5 GHz
logo
ams AG
AS1920 AMSCO-AS1920 Datasheet
341Kb / 2P
Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
AS1920 AMSCO-AS1920 Datasheet
279Kb / 14P
Triple-Voltage, Micro-Power Microprocessor Supervisory Circuits
More results


Similar Description - AS1925

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3526 ANALOGICTECH-AAT3526 Datasheet
223Kb / 10P
MicroPower Supervisory Circuit with Manual Reset
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823 Datasheet
115Kb / 6P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
TS823 TSC-TS823_07 Datasheet
316Kb / 8P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
SG Micro Corp
SGM811 SGMICRO-SGM811 Datasheet
480Kb / 9P
Microprocessor Supervisory with Manual Reset Input
logo
Advanced Analogic Techn...
AAT3526 ANALOGICTECH-AAT3526_06 Datasheet
93Kb / 9P
MicroPower??Supervisory Circuit with Manual Reset
logo
ams AG
AS1910 AMSCO-AS1910_1 Datasheet
384Kb / 15P
Dual-Voltage Microprocessor Supervisory Circuits with Manual Reset and Watchdog
logo
Taiwan Semiconductor Co...
TS823 TSC-TS823_09 Datasheet
182Kb / 8P
Microprocessor Supervisory Circuit with Watchdog Timer & Manual Reset
logo
Anpec Electronics Corop...
APR3101 ANPEC-APR3101 Datasheet
137Kb / 14P
Micropower Microprocessor Reset Circuit with Manual Reset
logo
SG Micro Corp
SGM811 SGMICRO-SGM811_15 Datasheet
360Kb / 2P
Microprocessor Supervisory with Manual Reset Input
SGM811 SGMICRO-SGM811_17 Datasheet
1Mb / 12P
Microprocessor Supervisory with Manual Reset Input
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com