Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1925 Datasheet(PDF) 6 Page - ams AG

Part # AS1925
Description  Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1925 Datasheet(HTML) 6 Page - ams AG

Back Button AS1925 Datasheet HTML 2Page - ams AG AS1925 Datasheet HTML 3Page - ams AG AS1925 Datasheet HTML 4Page - ams AG AS1925 Datasheet HTML 5Page - ams AG AS1925 Datasheet HTML 6Page - ams AG AS1925 Datasheet HTML 7Page - ams AG AS1925 Datasheet HTML 8Page - ams AG AS1925 Datasheet HTML 9Page - ams AG AS1925 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.austriamicrosystems.com
Revision 1.00
6 - 12
AS1925/AS1926
Data Sheet - Ty p i c a l O p e r a t i n g C h a r a c t e r i s t i c s
7 Typical Operating Characteristics
VCC = 1.5V, TAMB = +25ºC (unless otherwise specified).
Figure 3. Supply Current vs. Temperature
Figure 4. Power Down Reset Delay vs. Temperature
Figure 5. Normalized Reset Timeout Periode vs. Temp.
Figure 6. Normalized VCC Reset TH. vs. Temperature
Figure 7. Power-Up/Down Characteristics
Figure 8. Glitch rejection vs. Supply Voltage
0
1
2
3
4
5
-40
-15
10
35
60
85
Temperature (°C)
0
20
40
60
80
100
120
140
-40
-15
10
35
60
85
Temperature (°C)
VCC = 0.9V
VCC = 1.5V
VCC =1.8V
VOD = 10mV
VOD = 20mV
VOD = 100mV
VOD = Overdrive Voltage
0.99
0.995
1
1.005
1.01
0
1530456075
90
Temperature (°C)
0.96
0.98
1
1.02
1.04
1.06
1.08
-40
-15
10
35
60
85
Temperature (°C)
100ms/Div
0
100
200
300
400
500
600
700
110
100
Overdrive VTH-VCC (mV)
Reset occures
above this line
No reset occures
below this line



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com