Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1925 Datasheet(PDF) 5 Page - ams AG

Part # AS1925
Description  Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1925 Datasheet(HTML) 5 Page - ams AG

  AS1925 Datasheet HTML 1Page - ams AG AS1925 Datasheet HTML 2Page - ams AG AS1925 Datasheet HTML 3Page - ams AG AS1925 Datasheet HTML 4Page - ams AG AS1925 Datasheet HTML 5Page - ams AG AS1925 Datasheet HTML 6Page - ams AG AS1925 Datasheet HTML 7Page - ams AG AS1925 Datasheet HTML 8Page - ams AG AS1925 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.austriamicrosystems.com
Revision 1.00
5 - 12
AS1925/AS1926
Data Sheet - E l e c t r i c a l C h a r a c t e r i s t i c s
VOH
RESET Push/Pull Output
Voltage
VCC = 0.75V, ISOURCE = 10µA,
Reset Asserted
0.8 ×
VCC
V
VCC = 0.83V, ISOURCE = 40µA,
Reset Asserted
0.8 ×
VCC
VOL
VCC = 0.83V, ISINK = 80µA,
Reset Not Asserted
0.2 ×
VCC
1. 100% production tested at +25ºC. Over-temperature limits are guaranteed by design.
2. The active-low output RESETN VCC(MIN) = 0.55V.
3. For VCC > 0.788V, TAMB = 0 to +85ºC; for VCC > 0.833V, TAMB = -40 to +85ºC.
Table 4. Electrical Characteristics (Continued)
Symbol
Parameter
1
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com