Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1925 Datasheet(PDF) 11 Page - ams AG

Part # AS1925
Description  Ultra-Low Voltage Microprocessor Supervisory Circuit with Manual Reset
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1925 Datasheet(HTML) 11 Page - ams AG

Back Button AS1925 Datasheet HTML 4Page - ams AG AS1925 Datasheet HTML 5Page - ams AG AS1925 Datasheet HTML 6Page - ams AG AS1925 Datasheet HTML 7Page - ams AG AS1925 Datasheet HTML 8Page - ams AG AS1925 Datasheet HTML 9Page - ams AG AS1925 Datasheet HTML 10Page - ams AG AS1925 Datasheet HTML 11Page - ams AG AS1925 Datasheet HTML 12Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
www.austriamicrosystems.com
Revision 1.00
11 - 12
AS1925/AS1926
Data Sheet - O r d e r i n g I n f o r m a t i o n
11 Ordering Information
The AS1925/AS1926 are available as the standard products shown in Table 5.
Table 5. Ordering Information
Model
Description
Timeout Period
Delivery Form
Package
AS1925-BSTT-xyy
1
1. xx and y is a placeholder for variants, e.g., AS1926-BSTT-D07 offers 0.81V (max) reset threshold and a 140ms
minimum timeout periode (see Table 6).
Available upon request. Contact austriamicrosystems, AG for more information.
Ultra-Low Reset Threshold with
Manual Reset
Tape and Reel
5-pin SOT23
AS1925-BSTT-D07
Ultra-Low Reset Threshold (0.81V)
with Manual Reset
140ms Reset
Tape and Reel
5-pin SOT23
AS1926-BSTT-D07
Ultra-Low Reset Threshold (0.81V)
with Manual Reset, Open-Drain
140ms Reset
Tape and Reel
5-pin SOT23
Table 6. Model Variants
Suffix (x)
Reset timout (ms)
Suffix (yy)
Reset Threshold (V)
min
typ
max
min
typ
max
B
1
1.5
2
14
1.350
1.388
1.425
C
20
30
40
13
1.275
1.313
1.350
D
140
210
280
11
1.080
1.110
1.140
E
1120
1680
2240
10
1.020
1.050
1.080
08
0.810
0.833
0.855
07
0.765
0.788
0.810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com