Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS8039 Datasheet(PDF) 4 Page - Silicon Standard Corp.

Part # SS8039
Description  Microprocessor Voltage Monitor with Manual Reset
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSC [Silicon Standard Corp.]
Direct Link  http://www.siliconstandard.com
Logo SSC - Silicon Standard Corp.

SS8039 Datasheet(HTML) 4 Page - Silicon Standard Corp.

  SS8039 Datasheet HTML 1Page - Silicon Standard Corp. SS8039 Datasheet HTML 2Page - Silicon Standard Corp. SS8039 Datasheet HTML 3Page - Silicon Standard Corp. SS8039 Datasheet HTML 4Page - Silicon Standard Corp. SS8039 Datasheet HTML 5Page - Silicon Standard Corp. SS8039 Datasheet HTML 6Page - Silicon Standard Corp. SS8039 Datasheet HTML 7Page - Silicon Standard Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.SiliconStandard.com
4 of 7
Rev.2.02 1/06/2004
SS8039
Typical Operating Characteristics
(VCC = full range, TA = -40°C to +105°C, unless otherwise noted. Typical values are at TA = +25°C, VCC = 5V for
463/438/400 versions, VCC= 3.3V for 308/293 versions, and VCC = 3V for 263 version.)
Supply Current vs.Temperature
(No Load)
0
5
10
15
20
-40
-20
0
20
40
60
80
Temperature (°C)
SS8039x463/438/400, VCC =5V
SS8039x308/293/263, VCC =3.3V
SS8039x463/438/400/308/293/263, VCC=1V
Power-up Reset Timeout
vs. Temperature
305
310
315
320
325
330
-40
-20
0
20
40
60
80
Temperature (°C)
SS8039x308/293/263
Normalized Reset Threshold
vs. Temperature
0.986
0.988
0.99
0.992
0.994
0.996
0.998
1
1.002
1.004
1.006
-40
-20
0
20
40
60
80
Temperature(°C)
Power-down Reset Delay vs. Temperature
(SS8039x308/293/263)
0
10
20
30
40
50
60
70
80
-40
-20
0
20
40
60
80
Temperature(°C)
VOD=VTH-VCC
VOD=20mV
VOD=125mV
VOD=200mV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com