Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X68C64PI Datasheet(PDF) 8 Page - Xicor Inc.

Part # X68C64PI
Description  E2 Micro-Peripheral
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X68C64PI Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X68C64PI Datasheet HTML 4Page - Xicor Inc. X68C64PI Datasheet HTML 5Page - Xicor Inc. X68C64PI Datasheet HTML 6Page - Xicor Inc. X68C64PI Datasheet HTML 7Page - Xicor Inc. X68C64PI Datasheet HTML 8Page - Xicor Inc. X68C64PI Datasheet HTML 9Page - Xicor Inc. X68C64PI Datasheet HTML 10Page - Xicor Inc. X68C64PI Datasheet HTML 11Page - Xicor Inc. X68C64PI Datasheet HTML 12Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
X68C64
8
A.C. CONDITIONS OF TEST
Input Pulse Levels
0V to 3V
Input Rise and
Fall Times
10ns
Input and Output
Timing Levels
1.5V
3868 PGM T08.1
Note:
(3) This parameter is periodically sampled and not 100% tested.
TEST CIRCUIT
E Controlled Read Cycle
E Controlled Read Cycle
Symbol
Parameter
Min.
Max.
Units
PWASH
Address Strobe Pulse Width
80
ns
tASL
Address Setup Time
20
ns
tAHL
Address Hold Time
30
ns
tACC
Data Access Time
120
ns
tDHR
Data Hold Time
0
ns
tCSL
CE Setup Time
7
ns
PWEH
E Pulse Width
150
ns
tES
Enable Setup Time
30
ns
tEH
E Hold Time
20
ns
tRWS
R/
W Setup Time
20
ns
tHZ(3)
E LOW to High Z Output
50
ns
tLZ(3)
E HIGH to Low Z Output
0
ns
3868 PGM T09.1
A.C. CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.)
3868 FHD F04.2
5V
1.92K
Ω
100pF
OUTPUT
1.37K
Ω
AS
A/D0–A/D7
A8–A12
R/W
AIN
DOUT
PWASH
CE
tCSL
tASL
tAHL
A8–A12
tES
tACC
tDHR
PWEH
tRWS
tEH
tEH
tHZ
tEH
E
3868 FHD F05.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com