Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X68C64PI Datasheet(PDF) 1 Page - Xicor Inc.

Part # X68C64PI
Description  E2 Micro-Peripheral
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X68C64PI Datasheet(HTML) 1 Page - Xicor Inc.

  X68C64PI Datasheet HTML 1Page - Xicor Inc. X68C64PI Datasheet HTML 2Page - Xicor Inc. X68C64PI Datasheet HTML 3Page - Xicor Inc. X68C64PI Datasheet HTML 4Page - Xicor Inc. X68C64PI Datasheet HTML 5Page - Xicor Inc. X68C64PI Datasheet HTML 6Page - Xicor Inc. X68C64PI Datasheet HTML 7Page - Xicor Inc. X68C64PI Datasheet HTML 8Page - Xicor Inc. X68C64PI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
X68C64
1
© Xicor, Inc. 1991, 1995, 1996 Patents Pending
Characteristics subject to change without notice
3868-2.6 9/16/96 T0/C0/D2 SH
E2 Micro-Peripheral
64K
X68C64
8192 x 8 Bit
3868 FHD F02
CONCURRENT READ WRITE™ is a trademark of Xicor, Inc.
68XX Microcontroller Family Compatible
FEATURES
• CONCURRENT READ WRITE™
—Dual Plane Architecture
—Isolates Read/Write Functions
Between Planes
—Allows Continuous Execution of Code
From One Plane While Writing in
the Other Plane
• Multiplexed Address/Data Bus
—Direct Interface to Popular 8-bit
Microcontrollers, e.g., Motorola M6801/03,
M68HC11 Family
• High Performance CMOS
—Fast Access Time, 120ns
—Low Power
—60mA Maximum Active
—500
µA Maximum Standby
• Software Data Protection
• Block Protect Register
—Individually Set Write Lock Out in 1K Blocks
• Toggle Bit Polling
—Early End of Write Detection
• Page Mode Write
—Allows up to 32 Bytes to be Written in
One Write Cycle
• High Reliability
—Endurance: 100,000 Write Cycles
—Data Retention: 100 Years
DESCRIPTION
The X68C64 is an 8K x 8 E2PROM fabricated with
advanced CMOS Textured Poly Floating Gate Technol-
ogy. The X68C64 features a Multiplexed Address and
Data bus allowing a direct interface to a variety of
popular single-chip microcontrollers operating in ex-
panded multiplexed mode without the need for addi-
tional interface circuitry.
The X68C64 is internally configured as two independent
4K x 8 memory arrays. This feature provides the ability
to perform nonvolatile memory updates in one array and
continue operation out of code stored in the other array;
effectively eliminating the need for an auxiliary memory
device for code storage.
To write to the X68C64, a three-byte command
sequence must precede the byte(s) being written. The
X68C64 also provides a second generation software
data protection scheme called Block Protect. Block
Protect can provide write lockout of the entire device or
selected 1K blocks. There are eight 1K x 8 blocks that
can be write protected individually in any combination
required by the user. Block Protect, in addition to Write
Control input, allows the different segments of the memory
to have varying degrees of alterability in normal system
operation.
CONTROL
LOGIC
SOFTWARE
DATA
PROTECT
CE
R/W
E
SEL
A8–A11
AS
L
A
T
C
H
E
S
D
E
C
O
D
E
A12
A12
M
U
X
1K BYTES
1K BYTES
1K BYTES
1K BYTES
Y DECODE
I/O & ADDRESS LATCHES AND BUFFERS
A/D0–A/D7
WC
1K BYTES
1K BYTES
1K BYTES
1K BYTES
A12
X
FUNCTIONAL DIAGRAM


Similar Part No. - X68C64PI

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
X68C NSC-X68C Datasheet
832Kb / 18P
10-Bit Micro Power QUAD Digital-to-Analog Converter with Rail-to-Rail Output
logo
Xicor Inc.
X68C75 XICOR-X68C75 Datasheet
123Kb / 26P
Port Expander and E2 Memory
X68C75J XICOR-X68C75J Datasheet
123Kb / 26P
Port Expander and E2 Memory
X68C75JI XICOR-X68C75JI Datasheet
123Kb / 26P
Port Expander and E2 Memory
X68C75JM XICOR-X68C75JM Datasheet
123Kb / 26P
Port Expander and E2 Memory
More results

Similar Description - X68C64PI

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68901 MOTOROLA-MC68901 Datasheet
1Mb / 47P
Multifunction Peripheral
logo
Xicor Inc.
X68257 XICOR-X68257 Datasheet
70Kb / 14P
E2 Micro-Peripheral
X86C64 XICOR-X86C64 Datasheet
62Kb / 12P
E2 Micro-Peripheral
X88064 XICOR-X88064 Datasheet
81Kb / 15P
E2 Micro-Peripheral
X88257 XICOR-X88257 Datasheet
70Kb / 15P
E2 Micro-Peripheral
X88C64 XICOR-X88C64 Datasheet
71Kb / 14P
E2 Micro-Peripheral
X88C64 XICOR-X88C64 Datasheet
47Kb / 3P
E2 Micro-Peripheral
logo
ATMEL Corporation
ATF22LV10CZ ATMEL-ATF22LV10CZ Datasheet
222Kb / 9P
High Performance E2 PLD
logo
Mitel Networks Corporat...
MT90732 MITEL-MT90732 Datasheet
61Kb / 8P
CMOS E2/E3 Framer (E2/E3F)
logo
List of Unclassifed Man...
E2-100-06-34PZ ETC2-E2-100-06-34PZ Datasheet
386Kb / 5P
e-chain system® E2 Micro Series E2-10/E2i-10/E2C-10
4.31
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com