Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X68C64PI Datasheet(PDF) 11 Page - Xicor Inc.

Part # X68C64PI
Description  E2 Micro-Peripheral
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X68C64PI Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X68C64PI Datasheet HTML 4Page - Xicor Inc. X68C64PI Datasheet HTML 5Page - Xicor Inc. X68C64PI Datasheet HTML 6Page - Xicor Inc. X68C64PI Datasheet HTML 7Page - Xicor Inc. X68C64PI Datasheet HTML 8Page - Xicor Inc. X68C64PI Datasheet HTML 9Page - Xicor Inc. X68C64PI Datasheet HTML 10Page - Xicor Inc. X68C64PI Datasheet HTML 11Page - Xicor Inc. X68C64PI Datasheet HTML 12Page - Xicor Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
X68C64
11
PACKAGING INFORMATION
0.290 (7.37)
0.299 (7.60)
0.393 (10.00)
0.420 (10.65)
0.014 (0.35)
0.020 (0.50)
PIN 1
PIN 1 INDEX
0.010 (0.25)
0.020 (0.50)
0.050 (1.27)
0.598 (15.20)
0.610 (15.49)
0.003 (0.10)
0.012 (0.30)
0.092 (2.35)
0.105 (2.65)
(4X) 7
°
0.015 (0.40)
0.050 (1.27)
0.009 (0.22)
0.013 (0.33)
0
° – 8°
X 45
°
3926 FHD F24
24-LEAD PLASTIC SMALL OUTLINE GULL WING PACKAGE TYPE S
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
0.420"
0.050" TYPICAL
0.050"
TYPICAL
0.030" TYPICAL
24 PLACES
FOOTPRINT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com